Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND050VL-LED-KIT Datasheet(PDF) 11 Page - Purdy Electronics Corporation

Part # AND050VL-LED-KIT
Description  AND050VL-LED-KIT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND050VL-LED-KIT Datasheet(HTML) 11 Page - Purdy Electronics Corporation

Back Button AND050VL-LED-KIT Datasheet HTML 4Page - Purdy Electronics Corporation AND050VL-LED-KIT Datasheet HTML 5Page - Purdy Electronics Corporation AND050VL-LED-KIT Datasheet HTML 6Page - Purdy Electronics Corporation AND050VL-LED-KIT Datasheet HTML 7Page - Purdy Electronics Corporation AND050VL-LED-KIT Datasheet HTML 8Page - Purdy Electronics Corporation AND050VL-LED-KIT Datasheet HTML 9Page - Purdy Electronics Corporation AND050VL-LED-KIT Datasheet HTML 10Page - Purdy Electronics Corporation AND050VL-LED-KIT Datasheet HTML 11Page - Purdy Electronics Corporation AND050VL-LED-KIT Datasheet HTML 12Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Displays
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
05/13/03
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@purdyelectronics.com • www.purdyelectronics.com
11
AND050VL-LED-KIT
Electrical
Symbol
Conditions
Input/Output
Min.
Typ.
Max.
Unit
Vin
DC (+V)
Input
12
12
15
V
Iin
DC (+12V)
–
TBD
–
mA
Pin
–
TBD
–
W
Input/Output Terminals - CON7
TTL Connector: MOLEX 87758-30 or compatible
Pin No.
Symbol
Pin No.
Symbol
Pin No.
Symbol
Pin No.
Symbol
Pin No.
Symbol
1
CLK
7
R2
13
G1
19
E0
25
GND
2
HS
8
R3
14
G2
20
B1
26
DEN
3
VS
9
R4
15
G3
21
B2
27
VCC
4
GND
10
R5
16
G4
22
B3
28
VCC
5
R0
11
GND
17
G5
23
B4
29
L/R
6
R1
12
G0
18
GND
24
B5
30
U/D
Input/Output Terminals - CON2
Audio In Connector:JST B4B-XH-A
or compatible
Pin No.
Symbol
Pin No.
Symbol
1
GND
3
GND
2
L-IN
4
R-IN
Input/Output Terminals - CON8
Video & S-Video Connector: JST-B5B-PH-K-S or compatible
Pin No.
Symbol
Pin No.
Symbol
1GND
4
Y
2
Video
5
C
3GND
Driver Board Outline Drawing
Input/Output Terminals
- CON13
Audio In Connector
Pin No.
Symbol
1
R-IN
2
GND
Input/Output Terminals
- CON10
Audio In Connector
Pin No.
Symbol
1
L-IN
2GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com