Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND1743FST-T Datasheet(PDF) 1 Page - Purdy Electronics Corporation

Part # AND1743FST-T
Description  Intelligent Graphics Display
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND1743FST-T Datasheet(HTML) 1 Page - Purdy Electronics Corporation

  AND1743FST-T Datasheet HTML 1Page - Purdy Electronics Corporation AND1743FST-T Datasheet HTML 2Page - Purdy Electronics Corporation AND1743FST-T Datasheet HTML 3Page - Purdy Electronics Corporation AND1743FST-T Datasheet HTML 4Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
1
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@ANDdisplays.com • www.purdyelectronics.com
7/20/07
AND1743FST-T
240 x 128 Dots
Intelligent Graphics Display
The AND1743FST-T devices are compact, full dot matrix,
with “white page” appearance, LCD modules that have an on-
board LCD controller (T6963C) and display memory (RAM).
The AND1743FST-T can display TEXT information,
numerals, letters and symbols, as well as GRAPHIC
patterns. These devices are suitable for medical and
measurement equipment, point-of-sale terminals, portable
equipment, and marine instrumentation.
Features
• FSTN positive black and white LCD type
• Transflective Rear Polarizer
• Built-in CCFL backlight
• 40 characters x 18 line capability
• 240 x 128 dot graphic display
• Excellent readability and high-contrast ratio
• 6 o’clock viewing direction
• Wide operating temperature range (-20° to +70°C)
• White backlight color, black frame
Dot Matrix Dimensions
Mechanical Characteristics
Item
Specification
Unit
Outline
Dimensions
170.0 (W) x 102.0 (H) x 14.0 Max (D)
mm
Number of Dots
240 x 128 Dots
(40 characters x 16 lines)
Duty Ratio
1/128 Duty
Viewing Area
132.0 (W) x 76.0 (H)
mm
Controller
T6963C/Toshiba
Dot Size
0.48 (W) 0.48 (H)
mm
Dot Pitch
0.50 (W) 0.50 (H)
mm
Weight (approx.)
tbd
gram
119.7
0.50
0.47
240 x 128 pixels
Absolute Maximum Ratings
Absolute Maximum
Item
Symbol
Min
Max
Unit
Power Supply for Logic
VDD- VSS
-0.3
7.0
V
Power Supply for LCD
VDD - VEE
0
24.0
V
Input Voltage
V1
-0.3
VDD
V
CCFL Driving Voltage(1)
VFL
0
500
Vrms
CCFL Input Current
IFL
–
7.0
mA
Normal Storage Temp.
Tstg
-20
70
°C
Normal Operating Temp.
Top
050
°C
Wide Storage Temp.
Tstg
-30
80
°C
Wide Operating Temp.
Top
-20
70
°C
Notes on Humidity (without condensation):
1.Ta
≤ 50 ºC: 80% RH max; ta > 50ºC: Absolute humidity must be
lower than the humidity of 85% RH at 50ºC (for Normal Operating
Temp.)
2. Ta at -20ºC will be <48 hrs; at 70ºC will be < 120 hrs when humidity
is higherthan 75% (for Normal Storage Temp.)
3. Background color changes slightly depending on ambient
temperature. This phenomenon is reversible (for Normal Operating
Temp, Wide Operating Temp and Wide Storage Temp.)
4. Ta
≤ 70ºC: 75RH max; Ta> 70ºC: absolute humidity must be lower
than the humidity of 75% RH at 70ºC (for Normal Storage Temp and
Wide Operating Temp.)
5. Ta at -30ºC will be <48hrs, at 80ºC will be <120 hrs when humidity
is higher than 75%.(for Wide Storage Temp.)
Product specifications contained herein may be changed
without prior notice. It is therefore advisable to contact
Purdy Electronics before proceeding with the design of
equipment incorporating this product.
• RoHS Compliant


Similar Part No. - AND1743FST-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AND1743FST-T ETC2-AND1743FST-T Datasheet
97Kb / 3P
Color Displays - (Prototype Kits Available for All Displays)
More results

Similar Description - AND1743FST-T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC78711E SANYO-LC78711E Datasheet
781Kb / 43P
Graphics Display Processor
logo
fujitsu semiconductor
MB86291A FUJITSU-MB86291A Datasheet
243Kb / 25P
Graphics Display Controller
MB86292 FUJITSU-MB86292 Datasheet
236Kb / 25P
Graphics Display Controller
logo
Purdy Electronics Corpo...
AND1021ST PURDY-AND1021ST Datasheet
110Kb / 4P
Intelligent Graphics Display
AND1391ST PURDY-AND1391ST Datasheet
224Kb / 4P
Intelligent Graphics Display
AND1741 PURDY-AND1741 Datasheet
100Kb / 4P
Intelligent Graphics Display
AND1742MST2 PURDY-AND1742MST2 Datasheet
267Kb / 4P
Intelligent Graphics Display
AND-1013ST PURDY-AND-1013ST Datasheet
134Kb / 3P
Intelligent Graphics Display
logo
fujitsu semiconductor
MB88F322 FUJITSU-MB88F322 Datasheet
1Mb / 2P
Graphics Display Controller
MB86298 FUJITSU-MB86298 Datasheet
467Kb / 2P
Graphics Display Controller
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com