Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND1743FST-T Datasheet(PDF) 2 Page - Purdy Electronics Corporation

Part # AND1743FST-T
Description  Intelligent Graphics Display
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND1743FST-T Datasheet(HTML) 2 Page - Purdy Electronics Corporation

  AND1743FST-T Datasheet HTML 1Page - Purdy Electronics Corporation AND1743FST-T Datasheet HTML 2Page - Purdy Electronics Corporation AND1743FST-T Datasheet HTML 3Page - Purdy Electronics Corporation AND1743FST-T Datasheet HTML 4Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Intelligent Graphics Display
AND1743FST-T
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
7/20/07
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@ANDdisplays.com • www.purdyelectronics.com
2
Note: Connector: IL-G-55-53C2, Japan Aviation Electronics
Industry. Mating Housing: IL-M-5P-S3C2-PM.
Contact: IL-M-C2.
Recommended FL Inverter
Part number E1118 is Endicott Research Group, Inc..
Method of connecting is illustrated.
Electrical Characteristics (TA = 25°C)
Item
Symbol
Cond.
Min.
Typ.
Max.
Unit
Power
Supply
for Logic
VDD -
VSS
4.5
5.0
5.5
V
Input
Voltage
VIL
L level
0
—
0.6
V
VIH
H level
2.2
—
VDD
–
Ta = 0ºC
——
—
–
Ta = 25ºC
16.9
17.2
17.5
–
Ta = 50ºC
——
—
Power
Supply
Current
for LCM
IDD
VDD = 5.0V
VDD - VEE = 17.2V
—
15.6
18
mA
IEE
—
2.4
—
CCFL
Starting
Voltage
VFLS
—
—
750
—
Vrms
CCFL
Driving
Voltage
VFLD
—
—
360
—
Vrms
CCFL
Driving
Current
IFLD
VFLD = 450 Vrms
fFL = 30kHz
—
5.0
—
mA
CCFL
Driving
Fre-
quency
fFL
15
30
85
kHz
CCFL
Driving
Current
tSAT
Ta = 25ºC
—
1
—
minute
Optical Characteristics (TA = 25˚C,
φ = 0°, θ = 0)
Item
Symbol
Min.
Typ.
Max.
Unit
Viewing Angle
Range (1)
Φ f(12 o’clock)
–
34
–
degree
Φ b (6 o’clock)
–
41
–
Φ l (9 o’clock)
–
35
–
Φ r (3 o’clock)
–
30
–
Rise Time(2)
Tr
–
140
–
mS
Fall Time(2)
Tf
–
240
–
Frame
Frequency
(2)
Frm
–64–
Hz
Contrast(2)
Cr
–
5.2
–
–
Note 1:Condition: When Cr
≥ 2
Note 2: VDD - VEE = 17.2V; Ta = 25ºC
Connector Pin Assignment
Pin No.
Signal
Level
Function
1
FGND
–
Frame Ground
2
V
SS
0V
Power Supply Ground
3
V
DD
5V
Power Supply Voltage
4
VO
–
Contrast Adjustment Voltage
5
/WR
L
Write Signal
6
/RD
L
Read Signal
7
/CE
L
Enable Signal
8
C/D
H/L
WR = “L”, C/D = “H”: Command Write
WR = “L”, C/D = “L”: Data Write
RD = “L”, C/D = “H”: Status Read
RD = “L”, C/D = “L”: Data Read
9
NC
–
No connection
10
/RST
L
Reset Signal
11
DB0
H/L
Data Bit 0
12
DB1
H/L
Data Bit 1
13
DB2
H/L
Data Bit 2
14
DB3
H/L
Data Bit 3
15
DB4
H/L
Data Bit 4
16
DB5
H/L
Data Bit 5
17
DB6
H/L
Data Bit 6
18
DB7
H/L
Data Bit 7
19
FS
H/L
H: 6*8/L: 8*8 Select of Font
20
RV
–
Reverse Data IN
FL Connector
Pin No,
Signal
Function
1
VFL
Power supply for FL backlight
5
VFL
Power supply for FL backlight
E1118
CCF
Tube
1
2
3
4
Vout
+
-
Input bypass capacitor may be required (10µf –100µf)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com