Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND3222MST-LEDW Datasheet(PDF) 2 Page - Purdy Electronics Corporation

Part # AND3222MST-LEDW
Description  LCD Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND3222MST-LEDW Datasheet(HTML) 2 Page - Purdy Electronics Corporation

  AND3222MST-LEDW Datasheet HTML 1Page - Purdy Electronics Corporation AND3222MST-LEDW Datasheet HTML 2Page - Purdy Electronics Corporation AND3222MST-LEDW Datasheet HTML 3Page - Purdy Electronics Corporation AND3222MST-LEDW Datasheet HTML 4Page - Purdy Electronics Corporation AND3222MST-LEDW Datasheet HTML 5Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
2
Tel: 408.523.8200 • Fax: 408.733.1287 • email@purdyelectronics.com
5/1/08
www.purdyelectronics.com
Displays
Dimensional Outline
Unit: mm
Standard Tolerance: 0.5mm
AND3222MST-LEDW



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com