Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND3222MST-LEDW Datasheet(PDF) 3 Page - Purdy Electronics Corporation

Part # AND3222MST-LEDW
Description  LCD Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND3222MST-LEDW Datasheet(HTML) 3 Page - Purdy Electronics Corporation

  AND3222MST-LEDW Datasheet HTML 1Page - Purdy Electronics Corporation AND3222MST-LEDW Datasheet HTML 2Page - Purdy Electronics Corporation AND3222MST-LEDW Datasheet HTML 3Page - Purdy Electronics Corporation AND3222MST-LEDW Datasheet HTML 4Page - Purdy Electronics Corporation AND3222MST-LEDW Datasheet HTML 5Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
5/1/08
Tel: 408.523.8200 • Fax: 408.733.1287 • email@purdyelectronics.com
3
www.purdyelectronics.com
Displays
Environmental Absolute Maximum Ratings
Item
Normal Temperature
Wide Temperature
Operating
Storage
Operating
Storage
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Ambient Temperature
0 ºC
+50 ºC
-20 ºC
+70 ºC
-20 ºC
+70 ºC
-30 ºC
+80 ºC
Humidity (without
condensation)
See Note 2, 4
See note 3, 5
See Note 4, 5
See Note 4.6
Note 2: Ta ≤ 50ºC: 80% RH max; Ta > 50ºC: Absolute humidity must be lower than the humidity of 85% RH at 50ºC
Note 3: Ta at -20ºC will be < 48 hrs at 70ºC will be <120 hrs when humidity is higher than 75%.
Note 4: Background color changes slightly depending on ambient temperature. This phenomenon is reversible.
Note 5: Ta ≤ 70ºC: 75% RH max; Ta > 70ºC: absolutely humidity must be lower than the humidity of 75% RH at 70ºC.
Note 6: Ta at -30ºC will be < 48 hrs, at 80ºC will be < 120 hrs when humidity is higher than 75%.
Optical Characteristics
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Viewing angle range
φ f (12 o’clock)
When Cr
≥ 1.4
–20
–
degree
φ b (6 o’clock)
–40
–
φ l (9 o’clock)
–30
–
φ r (3 o’clock)
–30
–
Rise time
Tr
VDD-VO=24.3V
Ta=25ºC
175
ms
Fall time
Tf
170
ms
Frame frequency
Frm
–
64
–
Hz
Contrast
Cr
–
4.5
–
Brightness of Backlight
L
IF = 180 mA
10
20
–
cd/m2
Peak Emission
Wavelength
λ P
567
570
576
nm
Interface Pin Assignment
Pin No.
Pin Out
Level
Description
Pin No.
Pin Out
Level
Description
1
VSS
0V
Power Supply Ground
11
DB4
H/L
Data Bus Line
2
VDD
5V
Logic Supply Voltage
12
DB5
H/L
Data Bus Line
3
VO
–
Contrast Adjustment Voltage
13
DB6
H/L
Data Bus Line
4
/RD
L
Read Signal
14
DB7
H/L
Data Bus Line
5
/WR
L
Write Signal
15
/CS
L
Chip Signal
6
AO
H/L
Data Type Select
16
/RST
L
Reset Signal
7
DB0
H/L
Data Bus Line
17
VLCD
–
Power Supply Voltage for LCD
8
DB1
H/L
Data Bus Line
18
FG
–
For GND
9
DB2
H/L
Data Bus Line
19
A
4.2V
LED Power External (Red)
10
DB3
H/L
Data Bus Line
20
K
GND
LED Ground External (White)
AND3222MST-LEDW



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com