Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC-TFT-050VL-LED Datasheet(PDF) 1 Page - Purdy Electronics Corporation

Part # PC-TFT-050VL-LED
Description  Interface Board
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

PC-TFT-050VL-LED Datasheet(HTML) 1 Page - Purdy Electronics Corporation

  PC-TFT-050VL-LED Datasheet HTML 1Page - Purdy Electronics Corporation PC-TFT-050VL-LED Datasheet HTML 2Page - Purdy Electronics Corporation PC-TFT-050VL-LED Datasheet HTML 3Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
8/24/08
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@purdyelectronics.com
1
www.purdyelectronics.com
PC-TFT-050VL-LED
Interface Board
Features
• Used for TFT-LCD display: 5” AND050VL-LED
• Input Signal: D-SUB VGA signal, composite video
channels and S-Video
• Auto detect input signal when power is on
• Operating Temperature: 0ºC ~ 60ºC
• Storage Temperature: -20ºC ~ 70ºC
• RoHS Compliant
Mechanical Characteristics for Board
Absolute Maximum Rating
Item
Specification
Unit
Outline Dimension
85.0 x 66.0 x 12.1
mm
Top Layer Height (max)
7.0
mm
Bottom Layer Height (max)
3.9
mm
Board thickness
1.2
mm
Screws
φ 3.0 x 4
mm
Item
Symbol
Conditions
Min.
Max.
Unit
Operating Temperature
Top
–
0
60
°C
Storage Temperature
Tstg
–
-20
70
°C
The PC-TFT-050VL-LED is designed to
work with the AND050VL-LED color TFT
display which is suitable for security, video
game, door phone, video phone, portable
TV and instrument display applications..
Product specifications contained herein may be changed without prior notice. It is therefore advisable to contact Purdy
Electronics before proceeding with the design of equipment incorporating this product.
CON1 External Signal Input Terminal (14 pin)
Type: MOLEX 53261-1471 or Compatible
Pin No.
Symbol
I/O
Description
1
Vin
I
Vin
2
GND
I
Ground
3
GND
I
Ground
4
AV1
I
Composite Video 1
5
NC
I
No Connection
6
AV2
I
Composite Video 2
7
GND
I
Ground
8
R
I
VGA Red Signal Input
9
G
I
VGA Green Signal Input
10
B
I
VGA Blue Signal Input
11
GND
I
Ground
12
H-SYNC
I
HSYNC Input for VGA
13
V-SYNC
I
VSYNC Input for VGA
14
GND
I
Ground
Driver Board introduction
Port Definition: CON1: External Signal Input Terminal (14 pin); CON2: Connector for Keyboard (10 pin); CON 3: NC;
CON4: Connector for LCD Module (LVDS/34pin); CON6: Connector for LCD Backlight Driver Board (4 pin)


Similar Part No. - PC-TFT-050VL-LED

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
PC-TFT-050VL PURDY-PC-TFT-050VL Datasheet
246Kb / 3P
Interface Board
More results

Similar Description - PC-TFT-050VL-LED

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
PC-TFT-5PA PURDY-PC-TFT-5PA Datasheet
194Kb / 3P
Interface Board
PC-TFT-5VX PURDY-PC-TFT-5VX Datasheet
426Kb / 3P
Interface Board
PC-TFT-20TD PURDY-PC-TFT-20TD Datasheet
141Kb / 3P
Interface Board
PC-TFT-25XS PURDY-PC-TFT-25XS Datasheet
184Kb / 5P
Interface Board
PC-TFT-35VX PURDY-PC-TFT-35VX Datasheet
505Kb / 6P
Interface Board
PC-TFT-35XS-LED PURDY-PC-TFT-35XS-LED Datasheet
166Kb / 4P
Interface Board
PC-TFT-050VL PURDY-PC-TFT-050VL Datasheet
246Kb / 3P
Interface Board
PC-TFT-64PA PURDY-PC-TFT-64PA Datasheet
417Kb / 5P
Interface Board
PC-TFT-2535PA-LED PURDY-PC-TFT-2535PA-LED Datasheet
304Kb / 4P
Interface Board
PC-TFT-35XS PURDY-PC-TFT-35XS Datasheet
169Kb / 4P
Interface Board
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com