Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC-TFT-050VL-LED Datasheet(PDF) 2 Page - Purdy Electronics Corporation

Part # PC-TFT-050VL-LED
Description  Interface Board
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

PC-TFT-050VL-LED Datasheet(HTML) 2 Page - Purdy Electronics Corporation

  PC-TFT-050VL-LED Datasheet HTML 1Page - Purdy Electronics Corporation PC-TFT-050VL-LED Datasheet HTML 2Page - Purdy Electronics Corporation PC-TFT-050VL-LED Datasheet HTML 3Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PC-TFT-050VL-LED
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
2
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@purdyelectronics.com
8/24/08
www.purdyelectronics.com
Electrical Characteristics
Symbol
Conditions
Input/Output
Min.
Typ.
Max.
Unit
Vin
DC (+V)
Input
10
12
14
V
Iin (Note)
DC (+12V)
320
350
380
mA
Pin (Note)
3.84
4.20
4.56
W
Note I in, Pin were tested under factory default setting.
CON4 Connector for LCD Module (LVDS/34 pin)
Type: MOLEX-87758-34 or Compatible
Pin No.
Definition
Pin No.
Definition
Pin No.
Definition
Pin No.
Definition
Pin No.
Definition
1
IN0-
8
CLK-
15
NC
22
NC
29
VCC (+3.3V)
2
IN0+
9
CLK+
16
NC
23
NC
30
VCC (+3.3V)
3
IN1-
10
NC
17
GND
24
GND
31
VCC (+3.3V)
4
IN1+
11
NC
18
NC
25
GND
32
VCC (+3.3V)
5
IN2-
12
NC
19
NC
26
GND
33
NC
6
IN2+
13
NC
20
NC
27
GND
34
NC
7
GND
14
GND
21
NC
28
VCC (+3.3V)
Driver Board Outline Drawing
CON2 Connector for Keyboard (10 pin)
Type: MOLEX 53261-1071 or Compatible
Pin No.
Definition
Pin No.
Definition
Pin No.
Definition
Pin No.
Definition
Pin No.
Definition
1
LED-RED
3
SENSOR
5
+3.3V
7
MENU
9
RIGHT
2
LED-GREEN
4
GND
6
POWER
8
LEFT
10
ENTER
CON6 Connector for LCD Backlight Driver
Board (4 pin)
Type: JST B4B-XH-A or Compatible
Pin No.
Definition
1
+12V
2
GND
3
ON/OFF*
4NC
* Backlight control switch (ON: 5V, OFF: 0V)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com