Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC-TFT-064VT4N1 Datasheet(PDF) 1 Page - Purdy Electronics Corporation

Part # PC-TFT-064VT4N1
Description  Driving Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

PC-TFT-064VT4N1 Datasheet(HTML) 1 Page - Purdy Electronics Corporation

  PC-TFT-064VT4N1 Datasheet HTML 1Page - Purdy Electronics Corporation PC-TFT-064VT4N1 Datasheet HTML 2Page - Purdy Electronics Corporation PC-TFT-064VT4N1 Datasheet HTML 3Page - Purdy Electronics Corporation PC-TFT-064VT4N1 Datasheet HTML 4Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
11/26/08
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@purdyelectronics.com
1
www.purdyelectronics.com
PC-TFT-064VT4N1
Driving Board
Features
• Used for TFT-LCD display: 6” AND-TFT-064VT4N1
• Video input D-Sub VGA Signal
• Dual composite video channels
• Requires only +12V input
• Operating temperature: 0 ºC ~ 60 ºC
• Storage temperature: -20 ºC ~ 70 ºC
• RoHS Compliant
Mechanical Characteristics
Absolute Maximum Rating
Item
Specification
Unit
Screen Size
6.0 (diagonal)
inch
Outline Dimension
85.0 x 66.0 x 12.1
mm
Top Layer High (Max)
7.0
mm
Bottom Layer High (Max)
3.9
mm
Board Thickness
1.2
mm
Screws
D3.0 mm x 4
–
Item
Symbol
Conditions
Min.
Max.
Unit
Operating Temperature
Top
–
0
60
°C
Storage Temperature
Tstg
–
-20
70
°C
The PC-TFT-064VT4N1 is designed to work with
the AND-TFT-064VT4N1-HB color TFT display
which is suitable for security, video game, door
phone, video phone, portable TV and instrument
display applications.
Product specifications contained herein may be changed without prior notice.
It is therefore advisable to contact Purdy Electronics before proceeding with the design of equipment incorporating this product.
Electrical Characteristics
Symbol
I/O
Conditions
Min.
Typ.
Max.
Unit
V in
I
DC (+)
10
12
14
V
I in
DC (+12 V)
700
730
760
mA
P in
8.40
8.76
9.12
W


Similar Part No. - PC-TFT-064VT4N1

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
PC-TFT-050VL PURDY-PC-TFT-050VL Datasheet
246Kb / 3P
Interface Board
PC-TFT-050VL-LED PURDY-PC-TFT-050VL-LED Datasheet
246Kb / 3P
Interface Board
More results

Similar Description - PC-TFT-064VT4N1

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EXB844 FUJI-EXB844 Datasheet
90Kb / 6P
IGBT Driving Hybrid IC
logo
Hamamatsu Corporation
C10423 HAMAMATSU-C10423 Datasheet
154Kb / 2P
DRIVING CIRCUIT
logo
CITIZEN ELECTRONICS CO....
LED CITIZEN-LED Datasheet
65Kb / 2P
Driving LEDs
logo
STMicroelectronics
AN235 STMICROELECTRONICS-AN235 Datasheet
1Mb / 23P
Stepper motor driving
14-Nov-2012
logo
OSRAM GmbH
KW4CHLNM1.TG OSRAM-KW4CHLNM1.TG Datasheet
854Kb / 24P
Adaptive Driving Beam
logo
Beijing Yaohuadechang E...
DX091 YHDC-DX091 Datasheet
9Mb / 1P
Driving Transformer
DX091-101 YHDC-DX091-101 Datasheet
9Mb / 1P
Driving Transformer
DX091-1111 YHDC-DX091-1111 Datasheet
9Mb / 1P
Driving Transformer
DX091-X096 YHDC-DX091-X096 Datasheet
9Mb / 1P
Driving Transformer
logo
Advantech Co., Ltd.
EPM-880 ADVANTECH-EPM-880 Datasheet
490Kb / 2P
31.2" ePaper Display Driving Board
18-Mar-2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com