Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC-TFT-064VT4N1 Datasheet(PDF) 2 Page - Purdy Electronics Corporation

Part # PC-TFT-064VT4N1
Description  Driving Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

PC-TFT-064VT4N1 Datasheet(HTML) 2 Page - Purdy Electronics Corporation

  PC-TFT-064VT4N1 Datasheet HTML 1Page - Purdy Electronics Corporation PC-TFT-064VT4N1 Datasheet HTML 2Page - Purdy Electronics Corporation PC-TFT-064VT4N1 Datasheet HTML 3Page - Purdy Electronics Corporation PC-TFT-064VT4N1 Datasheet HTML 4Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PC-TFT-064VT4N1
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
2
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@purdyelectronics.com
11/26/08
www.purdyelectronics.com
Driver Board Introduction
Port Definition
CON1: External Signal Input Terminal ( 14pin)
CON2: Keyboard Operation Connector (10 pin)
CON3: Connector of Driver Board with LCD Module (TTL/30 pin)
CON4: NC
CON6: Connector of Driver Board with LCD B/L Driver Board (4 pin)
Pin No.
Symbol
Input/Output
Min.
1
Vin
Input
Vin
2
GND
Input
Ground
3
GND
Input
Ground
4
CVBS1
Input
Composite Video
5
NC
Input
No connect
6
CVBS2
Input
Composite Video
7
GND
Input
Ground
8
R
Input
VGA Red Signal Input
9
G
Input
VGA Green Signal Input
10
B
Input
VGA Blue Signal Input
11
GND
Input
Ground
12
H-SYNC
Input
HSYNC Input for VGA
13
V-SYNC
Input
VSYNC Input for VGA
14
GND
Input
Ground
CON2 - Keyboard Operation Port (10 pin) Type: MOLEX 53261-1071 or compatible
Pin
Definition
Pin
Definition
Pin
Definition
1
Auto
5
Power
9
LED-Green
2
RIGHT
6
+3.3 V
10
LED-Red
3
LEFT
7
GND
4
MENU
8
REMOTE
CON3: 18 bit RGB Connector (30 pin) Type: MOLEX-87758-30 or compatible
Pin
Definition
Pin
Definition
Pin
Definition
Pin
Definition
1
CLK
9
R4
17
G5
25
GND
2
HSYNC
10
R5
18
GND
26
DE
3
VSYNC
11
GND
19
B0
27
VCC (+5V)
4
GND
12
G0
20
B1
28
VCC (+5V)
5R0
13
G1
21
B2
29
R/L
6
R1
14
G2
22
B3
30
U/D
7R2
15
G3
23
B4
8R3
16
G4
24
B5
CON6: Inverter Connector (4 pin) Type: JST B3B-XH-A or compatible
Pin
Definition
Pin
Definition
Pin
Definition
Pin
Definition
1
+12 V
2
GND
3
On/Off (Note1)
4
DIM (Note 2)
Note 1: Backlight control switch (ON: 1.5 ~ 5V, OFF: 0 ~1.5V)
Note 2: Brightness control (0 ~ 5V)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com