Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT132SMF Datasheet(PDF) 1 Page - Central Technologies

Part # CT132SMF
Description  Wire-wound Chip Inductors - Open Wound
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CT132SMF Datasheet(HTML) 1 Page - Central Technologies

  CT132SMF Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Wire-wound Chip Inductors - Open Wound
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2006 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
09.05.06
SPECIFICATIONS
Parts are only available in ±5% inductance tolerance.
SRF
DCR
IDC
Part
Inductance
Q
Test Freq.
Min.
Typ.
Max.
Number
Turns
(nH)
Min.
(MHz)
(GHz)
(m
Ω
Ω)
(A)
CT132SMF-09TJ
9
90
100
50
>1.0
8.20
3.5
CT132SMF-10TJ
10
111
100
50
>1.0
9.30
3.5
CT132SMF-11TJ
11
130
100
50
>0.9
10.5
3.4
CT132SMF-12TJ
12
169
100
50
>0.8
11.7
3.4
CT132SMF-13TJ
13
206
100
50
>0.7
10.1
3.8
CT132SMF-14TJ
14
222
100
50
>0.6
13.6
3.3
CT132SMF-15TJ
15
246
100
50
>0.6
16.6
3.2
CT132SMF-16TJ
16
307
100
50
>0.5
21.5
3.0
CT132SMF-17TJ
17
380
100
50
>0.5
24.5
2.8
CT132SMF-18TJ
18
422
100
50
>0.4
38.4
2.2
CT132SMF-19TJ
19
491
100
50
>0.4
39.4
2.1
CT132SMF-20TJ
20
538
100
50
>0.4
41.6
2.0
CT132SMF Series
From 90 nH to 538 nH
Not shown at actual size.
CHARACTERISTICS
Description: SMD air core inductor
Applications: Pagers, Cordless phones, High frequency
communication products, Intercom, CATV.
Inductance Tolerance: ±5%
Testing: Inductance is tested on an HP4287A at 50MHz
Operating Temperature: -40°C to +85°C
Packaging: Tape & Reel
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PHYSICAL DIMENSIONS
A
B
E
C
D
Size
A
B
C
D
E
Max.
mm
9.0
4.4±0.3
4.6±0.4
8.0±0.5
1.3±0.4
inches
0.354
0.173±0.012
0.181±0.016
0.315±0.020
0.051±0.016
RoHS
Compliant


Similar Part No. - CT132SMF

ManufacturerPart #DatasheetDescription
logo
Howard Butler Ltd
CT132TRAN HOBUT-CT132TRAN Datasheet
924Kb / 1P
CT132TRAN CURRENT SENSOR/CURRENT TRANSDUCER
November 2014
CT132TRAN100A-4/20MA HOBUT-CT132TRAN100A-4/20MA Datasheet
924Kb / 1P
CT132TRAN CURRENT SENSOR/CURRENT TRANSDUCER
November 2014
CT132TRAN100A-5/10V HOBUT-CT132TRAN100A-5/10V Datasheet
924Kb / 1P
CT132TRAN CURRENT SENSOR/CURRENT TRANSDUCER
November 2014
CT132TRAN10A-4/20MA HOBUT-CT132TRAN10A-4/20MA Datasheet
924Kb / 1P
CT132TRAN CURRENT SENSOR/CURRENT TRANSDUCER
November 2014
CT132TRAN10A-5/10V HOBUT-CT132TRAN10A-5/10V Datasheet
924Kb / 1P
CT132TRAN CURRENT SENSOR/CURRENT TRANSDUCER
November 2014
More results

Similar Description - CT132SMF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT1812SMSF CT-CT1812SMSF Datasheet
224Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAF CT-CTAF Datasheet
171Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT2214F CT-CT2214F Datasheet
369Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC0603F CT-CTAC0603F Datasheet
296Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC0805F CT-CTAC0805F Datasheet
91Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC1008F CT-CTAC1008F Datasheet
305Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT0201LSF CT-CT0201LSF Datasheet
210Kb / 2P
Wire-wound Chip Inductors - Open
CT0402LSF CT-CT0402LSF Datasheet
158Kb / 1P
Wire-wound Chip Inductors - Open
CT0603CTF CT-CT0603CTF Datasheet
164Kb / 1P
Wire-wound Chip Inductors - Open
CT0603QWF CT-CT0603QWF Datasheet
89Kb / 1P
Wire-wound Chip Inductors - Open
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com