Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT0805CSF Datasheet(PDF) 1 Page - Central Technologies

Part # CT0805CSF
Description  Wire-wound Chip Inductors - Open
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CT0805CSF Datasheet(HTML) 1 Page - Central Technologies

  CT0805CSF Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Wire-wound Chip Inductors - Open
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2006 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
11.29.06
Size
A
B
C
D
E
F
G
Max.
Max.
Max.
mm
2.29
1.73
1.52
1.27
0.51
1.02
0.51
inches
0.09
0.07
0.06
0.05
0.02
0.04
0.02
PHYSICAL DIMENSIONS
A
C
E
E
G
D
F
B
Terminal
Overall
SPECIFICATIONS
Please specify tolerance code when ordering.
CT0805CSF-120_
G = ±2%, J = ±5%, K = ±10%, M = ±20%
** = K or M only
* = J, K or M only
L Test
Q
Q Test
SRF
DCR
Rated
Part
Inductance
Freq.
Fact.
Freq.
Min.
Max.
DC
Number
(nH)
(MHz)
Min.
(MHz)
(MHz)
(
Ω
Ω)
(mA)
CT0805CSF-020_**
2.2
250
15
1500
6000
.08
600
CT0805CSF-2N8_*
2.8
250
80
1500
7900
.06
800
CT0805CSF-3N0_*
3.0
250
65
1500
7900
.06
800
CT0805CSF-030_*
3.3
250
50
1500
7900
.08
600
CT0805CSF-050_*
5.6
250
65
1000
5500
.08
600
CT0805CSF-060_*
6.8
250
50
1000
5500
.11
600
CT0805CSF-070_*
7.5
250
50
1000
4500
.14
600
CT0805CSF-080_*
8.2
250
50
1000
4700
.12
600
CT0805CSF-100_
10
250
60
500
4200
.10
600
CT0805CSF-120_
12
250
50
500
4000
.15
600
CT0805CSF-150_
15
250
50
500
3400
.17
600
CT0805CSF-180_
18
250
50
500
3300
.20
600
CT0805CSF-220_
22
250
55
500
2600
.22
500
CT0805CSF-240_
24
250
50
500
2000
.22
500
CT0805CSF-270_
27
250
55
500
2500
.25
500
CT0805CSF-330_
33
250
60
500
2050
.27
500
CT0805CSF-360_
36
250
55
500
1700
.27
500
CT0805CSF-390_
39
250
60
500
2000
.29
500
CT0805CSF-430_
43
200
60
500
1650
.34
500
CT0805CSF-470_
47
200
60
500
1650
.31
500
CT0805CSF-560_
56
200
60
500
1550
.34
500
CT0805CSF-680_
68
200
60
500
1450
.38
500
CT0805CSF-820_
82
150
65
500
1300
.42
400
CT0805CSF-910_
91
150
65
500
1200
.48
400
CT0805CSF-101_
100
150
65
500
1200
.46
400
CT0805CSF-111_
110
150
50
250
1000
.48
400
CT0805CSF-121_
120
150
50
250
1100
.51
400
CT0805CSF-151_
150
100
50
250
920
.56
400
CT0805CSF-181_
180
100
50
250
870
.64
400
CT0805CSF-221_
220
100
50
250
850
.70
400
CT0805CSF-241_
240
100
44
250
690
1.0
350
CT0805CSF-271_
270
100
48
250
650
1.0
350
CT0805CSF-331_
330
100
48
250
600
1.4
310
CT0805CSF-391_
390
100
48
250
560
1.5
290
CT0805CSF-471_
470
50
33
100
375
1.8
250
CT0805CSF-561_
560
25
23
50
340
1.9
230
CT0805CSF-621_
620
25
23
50
220
2.2
210
CT0805CSF-681_
680
25
23
50
188
2.2
190
CT0805CSF-821_
820
25
23
50
215
2.4
180
CT0805CSF-102_
1000
25
20
50
100
2.5
170
CT0805CSF-122_
1200
7.9
18
25
100
2.5
170
CT0805CSF-152_
1500
7.9
16
25
100
2.5
170
CT0805CSF-182_
1800
7.9
16
7.9
80
2.5
170
CT0805CSF-222_
2200
7.9
16
7.9
60
2.7
160
CT0805CSF-272_
2700
7.9
16
7.9
50
2.95
150
CT0805CSF Series
From 2.2 nH to 2700 nH
Not shown at actual size.
CHARACTERISTICS
Description: SMD ceramic core wire-wound chip inductor
Applications: LC resonant circuits such as oscillator and signal
generators, impedance matching, circuit isolation, RF filters, disk
drives and computer peripherals, audio and video equipment, TV,
radio and telecommunication equipment
Operating Temperature: -40°C to +125°C
Inductance Tolerance: ±2%, ±5%, ±10%, ±20%
Testing: Inductance and Q are tested on an HP4287A at
specified frequency
Packaging: Tape & Reel
Marking: Reels are marked with inductance code and tolerance
Miscellaneous: RoHS Compliant. Parts are also available without
a clear plastic cap. Other values available
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PAD LAYOUT
ENGINEERING KIT #5F
RoHS
Compliant


Similar Part No. - CT0805CSF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT0805FSF CT-CT0805FSF Datasheet
213Kb / 1P
Wire-wound Chip Inductors - Open
CT0805FSF-102J CT-CT0805FSF-102J Datasheet
213Kb / 1P
Wire-wound Chip Inductors - Open
CT0805FSF-102K CT-CT0805FSF-102K Datasheet
213Kb / 1P
Wire-wound Chip Inductors - Open
CT0805FSF-121J CT-CT0805FSF-121J Datasheet
213Kb / 1P
Wire-wound Chip Inductors - Open
CT0805FSF-121K CT-CT0805FSF-121K Datasheet
213Kb / 1P
Wire-wound Chip Inductors - Open
More results

Similar Description - CT0805CSF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT132SMF CT-CT132SMF Datasheet
196Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT1812SMSF CT-CT1812SMSF Datasheet
224Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAF CT-CTAF Datasheet
171Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT2214F CT-CT2214F Datasheet
369Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC0603F CT-CTAC0603F Datasheet
296Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC0805F CT-CTAC0805F Datasheet
91Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC1008F CT-CTAC1008F Datasheet
305Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT0201LSF CT-CT0201LSF Datasheet
210Kb / 2P
Wire-wound Chip Inductors - Open
CT0402LSF CT-CT0402LSF Datasheet
158Kb / 1P
Wire-wound Chip Inductors - Open
CT0603CTF CT-CT0603CTF Datasheet
164Kb / 1P
Wire-wound Chip Inductors - Open
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com