Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT0805FSF Datasheet(PDF) 1 Page - Central Technologies

Part # CT0805FSF
Description  Wire-wound Chip Inductors - Open
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CT0805FSF Datasheet(HTML) 1 Page - Central Technologies

  CT0805FSF Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Wire-wound Chip Inductors - Open
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2006 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
11.17.06
Size
A
B
C
D
E
F
G
Max.
Max.
Max.
Ref.
Max.
mm
2.29
1.73
1.45
0.51
1.27
0.51
1.27
inches
0.090
0.068
0.057
0.020
0.050
0.020
0.050
PHYSICAL DIMENSIONS
B
A
E
F
D
G
F
C
SPECIFICATIONS
Please specify tolerance code when ordering.
CT0805FSF-151_
J = ±5%, K = ±10%
L Test
Q
Q Test
SRF
DCR
Rated
Part
Inductance
Freq.
Fact.
Freq.
Min.
Max.
DC
Number
(µH)
(MHz)
Min.
(MHz)
(MHz)
(
Ω
Ω)
(mA)
CT0805FSF-121_
0.12
25.2
20
25.2
700
0.18
1100
CT0805FSF-151_
0.15
25.2
20
25.2
900
0.18
1100
CT0805FSF-181_
0.18
25.2
20
25.2
600
0.20
800
CT0805FSF-221_
0.22
25.2
20
25.2
550
0.25
700
CT0805FSF-271_
0.27
25.2
20
25.2
550
0.30
700
CT0805FSF-331_
0.33
25.2
20
25.2
550
0.35
650
CT0805FSF-391_
0.39
25.2
20
25.2
420
0.35
600
CT0805FSF-471_
0.47
25.2
20
25.2
350
0.45
600
CT0805FSF-561_
0.56
25.2
20
25.2
300
0.45
550
CT0805FSF-681_
0.68
25.2
20
25.2
300
0.60
500
CT0805FSF-821_
0.82
25.2
20
25.2
300
0.55
500
CT0805FSF-102_
1.00
7.96
15
7.96
280
0.80
450
CT0805FSF-122_
1.20
7.96
15
7.96
280
0.90
400
CT0805FSF-152_
1.50
7.96
15
7.96
250
1.05
350
CT0805FSF-182_
1.80
7.96
15
7.96
120
0.90
350
CT0805FSF-222_
2.20
7.96
15
7.96
110
1.10
320
CT0805FSF-272_
2.70
7.96
15
7.96
70
1.20
320
CT0805FSF-332_
3.30
7.96
15
7.96
60
1.50
300
CT0805FSF-392_
3.90
7.96
15
7.96
55
1.60
300
CT0805FSF-472_
4.70
7.96
15
7.96
45
2.10
200
CT0805FSF-562_
5.60
7.96
15
7.96
40
2.30
250
CT0805FSF-682_
6.80
7.96
15
7.96
36
2.70
200
CT0805FSF-822_
8.20
7.96
15
7.96
33
3.30
180
CT0805FSF Series
From .12 µH to 8.2 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD ferrite core wire-wound chip inductor
Applications: LC resonant circuits such as oscillator and signal
generators, impedance matching, circuit isolation, RF filters, disk
drives and computer peripherals, audio and video equipment, TV,
radio and telecommunication equipment
Operating Temperature: -40°C to +85°C
Inductance Tolerance: ±5%, ±10%
Testing: Inductance and Q tested on an HP4287A at specified
frequency.
Packaging: Tape & Reel
Marking: Reel label indicates inductance code and tolerance
Miscellaneous: RoHS Compliant.
Miscellaneous: Additional values available
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PAD LAYOUT
1.78 Max
0.76
(0.030)
1.02 Max
(0.040)
1.02 Max
(0.040)
RoHS
Compliant


Similar Part No. - CT0805FSF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT0805CSF CT-CT0805CSF Datasheet
204Kb / 1P
Wire-wound Chip Inductors - Open
CT0805CSF-020K CT-CT0805CSF-020K Datasheet
204Kb / 1P
Wire-wound Chip Inductors - Open
CT0805CSF-020M CT-CT0805CSF-020M Datasheet
204Kb / 1P
Wire-wound Chip Inductors - Open
CT0805CSF-030J CT-CT0805CSF-030J Datasheet
204Kb / 1P
Wire-wound Chip Inductors - Open
CT0805CSF-030K CT-CT0805CSF-030K Datasheet
204Kb / 1P
Wire-wound Chip Inductors - Open
More results

Similar Description - CT0805FSF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT132SMF CT-CT132SMF Datasheet
196Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT1812SMSF CT-CT1812SMSF Datasheet
224Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAF CT-CTAF Datasheet
171Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT2214F CT-CT2214F Datasheet
369Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC0603F CT-CTAC0603F Datasheet
296Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC0805F CT-CTAC0805F Datasheet
91Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC1008F CT-CTAC1008F Datasheet
305Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT0201LSF CT-CT0201LSF Datasheet
210Kb / 2P
Wire-wound Chip Inductors - Open
CT0402LSF CT-CT0402LSF Datasheet
158Kb / 1P
Wire-wound Chip Inductors - Open
CT0603CTF CT-CT0603CTF Datasheet
164Kb / 1P
Wire-wound Chip Inductors - Open
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com