Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT0805LSF Datasheet(PDF) 1 Page - Central Technologies

Part # CT0805LSF
Description  Wire-wound Chip Inductors - Open
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CT0805LSF Datasheet(HTML) 1 Page - Central Technologies

  CT0805LSF Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Wire-wound Chip Inductors - Open
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2007 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
11.13.07
Size
A
B
C
D
E
F
G
Max.
Max.
Max.
Ref.
mm
2.29
1.60
1.52
0.70
1.02
0.50
1.27
inches
0.090
0.063
0.060
0.028
0.040
0.020
0.050
PHYSICAL DIMENSIONS
B
A
G
F
D
E
F
C
SPECIFICATIONS
Please specify tolerance code when ordering.
CT0805LSF-78N_
J = ±5%, K = ±10%
L Test
Q
Q Test
SRF
DCR
Rated
Part
Inductance
Freq.
Fact.
Freq.
Typ.
Max.
DC
Number
(nH)
(MHz)
Min.
(MHz)
(MHz)
(
Ω
Ω)
(mA)
CT0805LSF-78N_
78
7.9
19
7.9
1440
0.06
2000
CT0805LSF-111_
110
7.9
19
7.9
1200
0.07
2000
CT0805LSF-471_
470
7.9
19
7.9
480
0.40
800
CT0805LSF-681_
680
7.9
20
7.9
480
0.40
800
CT0805LSF-102_
1000
7.9
20
7.9
400
0.69
700
CT0805LSF-122_
1200
7.9
20
7.9
330
0.83
700
CT0805LSF-152_
1500
7.9
20
7.9
330
0.83
700
CT0805LSF-182_
1800
7.9
20
7.9
300
1.00
650
CT0805LSF-222_
2200
7.9
20
7.9
250
1.10
650
CT0805LSF-272_
2700
7.9
23
7.9
200
1.25
650
CT0805LSF-332_
3300
7.9
23
7.9
160
1.45
650
CT0805LSF-392_
3900
7.9
23
7.9
90
1.50
600
CT0805LSF-472_
4700
7.9
20
7.9
70
1.60
530
CT0805LSF-562_
5600
7.9
20
7.9
65
1.70
500
CT0805LSF-682_
6800
7.9
20
7.9
45
1.95
470
CT0805LSF-822_
8200
2.5
16
2.5
45
2.10
450
CT0805LSF-103_
10000
2.5
16
2.5
40
2.40
400
CT0805LSF-123_
12000
2.5
16
2.5
38
3.20
360
CT0805LSF-153_
15000
2.5
16
2.5
35
3.55
350
CT0805LSF-183_
18000
2.5
16
2.5
25
4.90
300
CT0805LSF-223_
22000
2.5
16
2.5
20
5.45
270
CT0805LSF-273_
27000
2.5
16
2.5
19
7.80
240
CT0805LSF-473_
47000
2.5
16
2.5
15
14.5
180
CT0805LSF Series
From 78 nH to 47000 nH
Not shown at actual size.
CHARACTERISTICS
Description: SMD ferrite core wire-wound chip inductor
Applications: LC resonant circuits such as oscillator and signal
generators, impedance matching, circuit isolation, RF filters, disk
drives and computer peripherals, audio and video equipment, TV,
radio and telecommunication equipment
Operating Temperature: -25°C to +85°C
Inductance Tolerance: ±5%, ±10%
Testing: Inductance and Q tested on an HP4287A at specified
frequency.
Packaging: Tape & Reel
Marking: Reel label indicates inductance code and tolerance
Miscellaneous: RoHS Compliant.
Miscellaneous: Additional values available
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PAD LAYOUT
RoHS
Compliant


Similar Part No. - CT0805LSF

ManufacturerPart #DatasheetDescription
logo
EPCOS
CT0805L17GK2 EPCOS-CT0805L17GK2 Datasheet
1Mb / 81P
Ceramic transient voltage suppressors
CT0805L8G EPCOS-CT0805L8G Datasheet
129Kb / 15P
Multilayer technology
logo
Central Technologies
CT0805LDLSF CT-CT0805LDLSF Datasheet
401Kb / 1P
Wire-wound Chip Inductors - Open
CT0805LDLSF-100 CT-CT0805LDLSF-100 Datasheet
401Kb / 1P
Wire-wound Chip Inductors - Open
CT0805LDLSF-101 CT-CT0805LDLSF-101 Datasheet
401Kb / 1P
Wire-wound Chip Inductors - Open
More results

Similar Description - CT0805LSF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT132SMF CT-CT132SMF Datasheet
196Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT1812SMSF CT-CT1812SMSF Datasheet
224Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAF CT-CTAF Datasheet
171Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT2214F CT-CT2214F Datasheet
369Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC0603F CT-CTAC0603F Datasheet
296Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC0805F CT-CTAC0805F Datasheet
91Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC1008F CT-CTAC1008F Datasheet
305Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT0201LSF CT-CT0201LSF Datasheet
210Kb / 2P
Wire-wound Chip Inductors - Open
CT0402LSF CT-CT0402LSF Datasheet
158Kb / 1P
Wire-wound Chip Inductors - Open
CT0603CTF CT-CT0603CTF Datasheet
164Kb / 1P
Wire-wound Chip Inductors - Open
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com