Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL1208 Datasheet(PDF) 3 Page - Superworld Electronics

Part # SSL1208
Description  HIGH CURRENT POWER INDUCTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SSL1208 Datasheet(HTML) 3 Page - Superworld Electronics

  SSL1208 Datasheet HTML 1Page - Superworld Electronics SSL1208 Datasheet HTML 2Page - Superworld Electronics SSL1208 Datasheet HTML 3Page - Superworld Electronics SSL1208 Datasheet HTML 4Page - Superworld Electronics SSL1208 Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 3
05.05.2008
SSL1208 SERIES
7. RELIABILITY AND TEST CONDITION :
HIGH CURRENT POWER INDUCTORS
PERFORMANCE
should be covered with solder.
More than 90% of the terminal electrode
Refer to standard electrical characteristics list
60
seconds
60
seconds
Preheating
1. Appearance : No significant abnormality
2. Inductance change : Within ±20%
Preheating
No disconnection or short circuit.
2. Inductance : Within ±20% of initial value.
1. Appearance : No damage
No disconnection or short circuit.
2. Inductance : Within ±20% of initial value.
1. Appearance : No damage
Reliability Test
Humidity Resistance
Life Test
Life Test
High Temperature
Low Temperature
Thermal Shock
Solderability Test
Solder Heat Resistance
150°C
260°C
150°C
230°C
Inductance
DCR
Heat Rated Current (Irms)
Saturation Current (Isat)
Mechanical Performance Test
Electrical Characteristics Test
ITEM
Temperature : 40±5°C
Time : 500±12 hours
Applied Current : Rated Curent
Humidity : 90% to 95%
Measure at room temperature after placing for 2 to 3 hrs.
Measure at room temperature after placing for 2 to 3 hrs.
Temperature : 125±5°C
Temperature : -55±5°C
Time : 500±12 hours
Time : 500±12 hours
-55±3
+125±3
Conditions of 1 cycle.
Room Temperature
Room Temperature
Temperature (°C)
Measure at room temperature after placing for 2 to 3 hrs.
Measure at room temperature after placing for 2 to 3 hrs.
2
Total : 5 cycles
4
3
Step
1
Within 3
Within 3
30±3
Times (min.)
30±3
Preheat : 150°C, 60sec.
Solder : Sn-Ag3.0-Cu0.5
Solder Temperature : 230±5°C
Preheat : 150°C, 60sec.
Solder : Sn-Ag3.0-Cu0.5
Dip Time : 10±0.5sec.
Flux for lead free : rosin
Solder Temperature : 260±5°C
Flux for lead free : rosin
10±0.5
seconds
Dipping
cooling
Natural
4±1
seconds
Dipping
cooling
Natural
Dip Time : 4±1sec.
TEST CONDITION
1. Applied the allowed DC current
2. Temperature measured by digital surface thermometer
Isat(A) will cause Lo to drop approximately 20%
CH16502, Agilent33420A Micro-Ohm Meter.
HP4284A, CH11025, CH3302, CH1320, CH1320S
approximately
T=40°C without core loss
Irms(A) will cause the coil temperature rise
LCR meter.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com