Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL1208 Datasheet(PDF) 1 Page - Superworld Electronics

Part # SSL1208
Description  HIGH CURRENT POWER INDUCTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SSL1208 Datasheet(HTML) 1 Page - Superworld Electronics

  SSL1208 Datasheet HTML 1Page - Superworld Electronics SSL1208 Datasheet HTML 2Page - Superworld Electronics SSL1208 Datasheet HTML 3Page - Superworld Electronics SSL1208 Datasheet HTML 4Page - Superworld Electronics SSL1208 Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
S S L 1 0 0 5 - R 2 1 M F
(a)
(c)
(b)
(e)
(d)
1. PART NO. EXPRESSION :
(b) Dimension code
(c) Inductance code : R21 = 0.21uH
(a) Series code
2. CONFIGURATION & DIMENSIONS :
A
SUPERWORLD ELECTRONICS (S) PTE LTD
3. SCHEMATIC :
(d) Tolerance code : M = ±20%
(e) F : Lead Free
SSL1208 SERIES
HIGH CURRENT POWER INDUCTORS
PG. 1
NOTE : Specifications subject to change without notice. Please check our website for latest information.
05.05.2008
PCB Pattern
13.46 Max.
8.0 Max.
2.54±0.5
BC
D
12.95 Max.
Unit:m/m
7.1 Max.
G
E
5.0±0.5
Inductance L ( uH )
0.15 ±30%
5. ELECTRICAL CHARACTERISTICS :
SSL1208-R15YF
SSL1208-R26MF
SSL1208-R21MF
Part No.
50
0.1V/500K
40
45
Freq.
Test
0
Irms
Max.
( A )
0.60
55
45
0.60
50
0.60
DCR
Isat
Max.
( A )
( m )
Max.
R21
A
D
L
G
7.6 Max.
13.8 Max.
HL
e) Part temperature (ambient + temp. rise) : Should not exceed 125°C under worst case operating conditions.
d) Isat (A) : Will cause L to drop approximately 20%
a) Operating temp. : -55°C to +125°C
b) Storage temp. : -55°C to +125°C
c) Irms (A) : Will cause coil temp. to rise approximately T=40°C without core loss.
4. GENERAL SPECIFICATION :
0
0.21 ±20%
0.26 ±20%
( Hz )
0.1V/500K
0.1V/500K
SSL1208-R32MF
SSL1208-R44MF
0.1V/500K
0.1V/500K
0.44 ±20%
0.32 ±20%
0.60
0.60
41
40
28
30


Similar Part No. - SSL1208

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SSL12 TSC-SSL12 Datasheet
48Kb / 2P
1.0 AMP. Surface Mount Low VF Schottky Barrier Rectifiers
SSL12 TSC-SSL12 Datasheet
135Kb / 2P
1.0 AMP. Surface Mount Low VF Schottky Barrier Rectifiers
logo
MIC GROUP RECTIFIERS
SSL12 MIC-SSL12 Datasheet
95Kb / 8P
SURFACE MOUNT Low VF SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
SSL12 TSC-SSL12 Datasheet
378Kb / 2P
1.0 AMP. Surface Mount Low VF Schottky Barrier Rectifiers
SSL12 TSC-SSL12 Datasheet
201Kb / 2P
1.0AMP Surface Mount Schottky Barrier Rectifier
More results

Similar Description - SSL1208

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SSL0705M SUPERWORLD-SSL0705M Datasheet
249Kb / 6P
HIGH CURRENT POWER INDUCTORS
SSL1005M SUPERWORLD-SSL1005M Datasheet
278Kb / 7P
HIGH CURRENT POWER INDUCTORS
SSL1308M SUPERWORLD-SSL1308M Datasheet
273Kb / 7P
HIGH CURRENT POWER INDUCTORS
logo
Eaton All Rights Reserv...
HC9 EATON-HC9 Datasheet
441Kb / 4P
High current power inductors
FPV1006 EATON-FPV1006 Datasheet
259Kb / 4P
High current power inductors
HCM0503 EATON-HCM0503 Datasheet
296Kb / 7P
High current power inductors
HCM1305 EATON-HCM1305 Datasheet
658Kb / 9P
High current power inductors
HCV1707 EATON-HCV1707 Datasheet
294Kb / 5P
High current power inductors
HCP0805 EATON-HCP0805 Datasheet
444Kb / 5P
High current power inductors
HCM1707 EATON-HCM1707 Datasheet
1Mb / 7P
High current power inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com