Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT0805HT-R39K Datasheet(PDF) 1 Page - Central Technologies

Part # CT0805HT-R39K
Description  Wire-wound Chip Inductors - Open
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CT0805HT-R39K Datasheet(HTML) 1 Page - Central Technologies

  CT0805HT-R39K Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Wire-wound Chip Inductors - Open
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2003 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
02.14.05
Size
A
B
C
D
E
F
Max.
Max.
Max.
mm
2.16
1.52
0.89
0.43
1.14
1.27
inches
0.085
0.060
0.035
0.016
0.045
0.05
PHYSICAL DIMENSIONS
SPECIFICATIONS
Please specify tolerance code when ordering.
CT0805HT-4N7_
G = ±2%, J = ±5%, K = ±10%
* = J or K only
CT0805HTF Please specify “F” for RoHS compliant
L Test
Q
Q Test
SRF
DCR
Rated
Part
Inductance
Freq.
Fact.
Freq.
Min.
Max.
DC
Number
(nH)
(MHz)
Min.
(MHz)
(MHz)
(
Ω)
(mA)
CT0805HT_-1N8K
1.8
250
55
1500
9400
0.03
800
CT0805HT_-3N9K
3.9
250
50
1000
6100
0.06
800
CT0805HT_-4N7_*
4.7
250
50
1000
5500
0.06
800
CT0805HT_-6N8_*
6.8
250
50
1000
5500
0.08
800
CT0805HT_-8N2_*
8.2
250
50
1000
4800
0.08
800
CT0805HT_-10N_
10
250
55
750
3300
0.08
800
CT0805HT_-12N_
12
250
55
750
3800
0.1
800
CT0805HT_-15N_
15
250
50
500
2950
0.1
800
CT0805HT_-18N_
18
250
50
500
3100
0.13
800
CT0805HT_-22N_
22
250
50
500
2900
0.15
800
CT0805HT_-27N_
27
250
50
500
2450
0.23
600
CT0805HT_-33N_
33
250
55
500
2350
0.28
600
CT0805HT_-39N_
39
250
55
500
2200
0.33
600
CT0805HT_-47N_
47
200
50
500
2000
0.39
600
CT0805HT_-56N_
56
200
50
500
1850
0.39
500
CT0805HT_-68N_
68
200
50
500
1500
0.4
500
CT0805HT_-82N_
82
150
50
500
1500
0.44
500
CT0805HT_-R10_
100
150
50
500
1200
0.64
400
CT0805HT_-R12_
120
150
40
250
1150
0.68
300
CT0805HT_-R15_
150
150
40
250
1050
0.8
300
CT0805HT_-R18_
180
150
40
250
950
0.9
300
CT0805HT_-R22_
220
150
40
250
900
0.98
300
CT0805HT_-R27_
270
150
40
250
850
1.3
300
CT0805HT_-R33_
330
100
40
250
800
1.45
300
CT0805HT_-R39_
390
100
35
250
700
1.6
300
CT0805HT_-R47_
470
50
25
100
600
1.8
300
CT0805HT_-R56_
560
25
18
50
550
1.9
300
CT0805HT_-R62_
620
25
18
50
450
2
300
CT0805HT_-R68_
680
25
18
50
420
2.1
300
CT0805HT_-R75_
750
25
18
50
400
2.2
300
CT0805HT_-R82_
820
25
18
50
400
2.5
300
CT0805HT_-1R0_
1000
25
17
50
330
2.6
300
CT0805HT Series
From 1.8 nH to 1000 nH
Not shown at actual size.
CHARACTERISTICS
Description: SMD ceramic core wire-wound chip inductor
Applications: LC resonant circuits such as oscillator and signal
generators, impedance matching, circuit isolation, RF filters, disk
drives and computer peripherals, audio and video equipment, TV,
radio and telecommunication equipment
Operating Temperature: -40°C to +125°C
Storage Temperature: -25°C to +85°C
Inductance Tolerance: ±2%, ±5%, ±10%
Testing: Inductance and Q are tested on an HP4287A at
specified frequency
Packaging: Tape & Reel
Miscellaneous: RoHS Compliant available.
Marking: Color dot
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PAD LAYOUT
RoHS
Compliant
Available


Similar Part No. - CT0805HT-R39K

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT0805HTF CT-CT0805HTF Datasheet
182Kb / 1P
Wire-wound Chip Inductors
More results

Similar Description - CT0805HT-R39K

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT132SMF CT-CT132SMF Datasheet
196Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT1812SMSF CT-CT1812SMSF Datasheet
224Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAF CT-CTAF Datasheet
171Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT2214F CT-CT2214F Datasheet
369Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC0603F CT-CTAC0603F Datasheet
296Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC0805F CT-CTAC0805F Datasheet
91Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC1008F CT-CTAC1008F Datasheet
305Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT0201LSF CT-CT0201LSF Datasheet
210Kb / 2P
Wire-wound Chip Inductors - Open
CT0402LSF CT-CT0402LSF Datasheet
158Kb / 1P
Wire-wound Chip Inductors - Open
CT0603CTF CT-CT0603CTF Datasheet
164Kb / 1P
Wire-wound Chip Inductors - Open
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com