Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3606 Datasheet(PDF) 13 Page - BCD Semiconductor Manufacturing Limited

Part # AP3606
Description  4/6 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3606 Datasheet(HTML) 13 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3606 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3606 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3606 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP3606 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP3606 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP3606 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AP3606 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited AP3606 Datasheet HTML 16Page - BCD Semiconductor Manufacturing Limited AP3606 Datasheet HTML 17Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Preliminary Datasheet
4/6 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
AP3606/AP3607
Dec. 2008 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
13
Typical Performance Characteristics (Continued)
TA=25ºC, CIN=C1=C2=COUT=1µF, VF=3.2V, unless otherwise noted.
Figure 28. 1x Mode Dimming Operation
Figure 29. 1x Mode Dimming Operation
( AP3606, VIN=5V, fEN=2kHz)
(AP3607, VIN=5V, fEN=2kHz)
Figure 30. Output Ripple
Figure 31. Output Ripple
(AP3606, VIN=3.3V, ID=80mA)
(AP3607, VIN=3.3V, ID=120mA)
VEN
2V/div
IWLED
5mA/div
IIN
20mA/div
VOUT
50mV/div
VC1+
2V/div
Time (2ms/div)
VEN
2V/div
IWLED
5mA/div
IIN
20mA/div
VIN
20mV/div
VOUT
50mV/div
VC1+
2V/div
Time (2ms/div)
Time (400ns/div)
Time (400ns/div)
VIN
20mV/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com