Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3606 Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part # AP3606
Description  4/6 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3606 Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  AP3606 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3606 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3606 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3606 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3606 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3606 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3606 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3606 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3606 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Preliminary Datasheet
4/6 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
AP3606/AP3607
Dec. 2008 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
2
Exposed PAD,
Connected to AGND
Note: Pin 15 should be connected with Pin 16 on PCB Board.
EP
5
678
13
14
15
16
1
2
3
49
10
11
12
Pin 1 Dot by Marking
C1-
C1+
C2+
C2-
D5
D4
D3
D6
C1-
C1+
C2+
C2-
NC
D4
D3
D2
Exposed PAD,
Connected to AGND
Note: Pin 14 should be connected with Pin 16 on PCB Board.
EP
5
678
13
14
15
16
1
2
3
49
10
11
12
Pin 1 Dot by Marking
Pin Configuration
FN Package
(QFN-3×3-16)
AP3606
AP3607
Figure 2. Pin Configuration of AP3606/AP3607 (Top View)
Pin Description
Pin Number
AP3606 AP3607
Pin Name
Function
1
1
C1-
Flying capacitor 1 negative terminal. The flying capacitor should be connected as
close to this pin as possible
2
2
C2-
Flying capacitor 2 negative terminal. The flying capacitor should be connected as
close to this pin as possible
3
3
C2+
Flying capacitor 2 positive terminal. The flying capacitor should be connected as
close to this pin as possible
4
4
C1+
Flying capacitor 1 positive terminal. The flying capacitor should be connected as
close to this pin as possible
5
5
AGND
Analog ground
6
6
PGND
Power ground
7
7
VIN
Supply voltage input
8
8
EN
Enable control input. Logic high enables the IC; while logic low forces the IC into
shutdown mode. It is used for digital dimming by applying a pulse signal on it.
9, 15
NC
No connection (AP3606 only)
9, 10
D6 , D5
Current sink for WLED6 and WLED5. Connect the cathode of WLEDs to these
pins. If not used, these pins must be connected with VIN (AP3607 only)
10, 11, 12,
13
11, 12, 13,
14
D4 ~ D1
Current sink for WLED4, 3, 2, 1. Connect the cathode of WLEDs to these pins. If
not used, these pins must be connected with VIN
14
15
VOUT2
Output pin 2. It powers 4 channels current sink (AP3606) and 6 channels current
sink (AP3607)
16
16
VOUT1
Output Pin 1. It’s the charge pump output. The output capacitor should be placed
closely to this pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com