Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3607 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP3607
Description  4/6 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3607 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP3607 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3607 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3607 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3607 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3607 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3607 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3607 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3607 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3607 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Preliminary Datasheet
4/6 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
AP3606/AP3607
Dec. 2008 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
1
General Description
The AP3606 and AP3607 are step-up DC-DC
converters based on 1x/1.5x charge pump and low
dropout current sink, which helps them maintain the
highest efficiency. The AP3606 is specially designed
to drive up to 4 WLEDs in backlight display while
the AP3607 is designed for 6 WLEDs.
These devices provide up to 20mA current for each
WLED. There are totally 16 steps of current control,
which is achieved through a digital pulse dimming
function on EN pin. Additionally, 1MHz high
switching frequency enables the use of small external
capacitors. Internal soft-start circuitry prevents
excessive inrush current during start-up and mode
transition.
The supply voltage ranges of AP3606 and AP3607
are from 2.7V to 5.5V which make them ideally suit
for applications powered by Li-ion battery.
These ICs are available in the tiny package of
QFN-3×3-16.
Features
•
Regulated Output Current with ±3% Matching
•
Drives up to 4 WLEDs at 20mA Each (AP3606)
Drives up to 6 WLEDs at 20mA Each (AP3607)
•
16 Steps Brightness Control Using Pulse Signal
Dimming
•
Wide Operating Voltage Range: 2.7V to 5.5V
•
High Operating Frequency: 1MHz
•
Auto 1x/1.5x Charge Pump Mode Selection
•
Built-in Soft-start
•
Output Over Voltage Protection
•
Built-in UVLO
•
Built-in OTSD
•
Operating Temperature Range: -40°C to 85°C
Applications
•
Mobile Phone
•
PDA
•
MP3/4
Figure 1. Package Type of AP3606/AP3607
QFN-3×3-16


Similar Part No. - AP3607

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3607 DIODES-AP3607 Datasheet
1,019Kb / 16P
4/6 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
April 2018 Rev. 1 - 3
logo
BCD Semiconductor Manuf...
AP3607FNTR-G1 BCDSEMI-AP3607FNTR-G1 Datasheet
959Kb / 18P
4/6 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
logo
Diodes Incorporated
AP3607FNTR-G1 DIODES-AP3607FNTR-G1 Datasheet
1,019Kb / 16P
4/6 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
April 2018 Rev. 1 - 3
More results

Similar Description - AP3607

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6687 SIPEX-SP6687 Datasheet
246Kb / 12P
4 Channel Charge Pump White LED Driver
logo
Catalyst Semiconductor
CAT3616 CATALYST-CAT3616 Datasheet
537Kb / 14P
6-Channel Charge Pump LED Driver with EZDimTM
CAT3616 CATALYST-CAT3616_08 Datasheet
368Kb / 14P
6-Channel Charge Pump LED Driver with EZDimTM
logo
Advanced Analog Technol...
AAT3195 AAT-AAT3195 Datasheet
1Mb / 16P
4-Channel Charge-Pump LED Driver
2008.09.1.0
logo
ON Semiconductor
CAT3604HV4-T2 ONSEMI-CAT3604HV4-T2 Datasheet
388Kb / 12P
4-Channel Regulated Charge Pump White LED Driver
Doc. No. MD-5009 Rev. D
CAT3616 ONSEMI-CAT3616 Datasheet
322Kb / 14P
6-Channel Charge Pump LED Driver with EZDim
April, 2010 ??Rev. 3
logo
BCD Semiconductor Manuf...
AP3606,7 BCDSEMI-AP3606,7_10 Datasheet
959Kb / 18P
4/6 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
AP3615 BCDSEMI-AP3615 Datasheet
776Kb / 13P
5 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
logo
Rohm
BD2606MVV ROHM-BD2606MVV Datasheet
1Mb / 20P
6-Channel Charge Pump White LED Driver
logo
Diodes Incorporated
AP3606 DIODES-AP3606 Datasheet
1,019Kb / 16P
4/6 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
April 2018 Rev. 1 - 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com