Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3607 Datasheet (PDF) - Diodes Incorporated

AP3607 Datasheet PDF - Diodes Incorporated
Part # AP3607
Download  AP3607 Download
File Size   1019.49 Kbytes
Page   16 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 4/6 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER

AP3607 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP3607 Datasheet PDF - Diodes Incorporated

Part # AP3607
Download  AP3607 Click to download

File Size   1019.49 Kbytes
Page   16 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 4/6 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER

AP3607 Datasheet (HTML) - Diodes Incorporated


AP3607 Product details

Features
 Regulated Output Current with ±3% Matching
 Drives up to 4 WLEDs at 20mA Each (AP3606)
Drives up to 6 WLEDs at 20mA Each (AP3607)
 16 Steps Brightness Control Using Pulse Signal Dimming
 Wide Operating Voltage Range: 2.7V to 5.5V
 High Operating Frequency: 1MHz
 Auto 1x/1.5x Charge Pump Mode Selection
 Built-in Soft-Start
 Output Over Voltage Protection
 Built-In UVLO
 Built-In OTSD
 Operating Temperature Range: -40°C to +85°C

Applications
 Mobile Phone
 PDA
 MP3/4




Similar Part No. - AP3607

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3607 BCDSEMI-AP3607 Datasheet
498Kb / 18P
4/6 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
AP3607FNTR-G1 BCDSEMI-AP3607FNTR-G1 Datasheet
959Kb / 18P
4/6 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
More results


Similar Description - AP3607

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6687 SIPEX-SP6687 Datasheet
246Kb / 12P
4 Channel Charge Pump White LED Driver
logo
Catalyst Semiconductor
CAT3616 CATALYST-CAT3616 Datasheet
537Kb / 14P
6-Channel Charge Pump LED Driver with EZDimTM
CAT3616 CATALYST-CAT3616_08 Datasheet
368Kb / 14P
6-Channel Charge Pump LED Driver with EZDimTM
logo
Advanced Analog Technol...
AAT3195 AAT-AAT3195 Datasheet
1Mb / 16P
4-Channel Charge-Pump LED Driver
2008.09.1.0
logo
ON Semiconductor
CAT3604HV4-T2 ONSEMI-CAT3604HV4-T2 Datasheet
388Kb / 12P
4-Channel Regulated Charge Pump White LED Driver
Doc. No. MD-5009 Rev. D
logo
BCD Semiconductor Manuf...
AP3606 BCDSEMI-AP3606 Datasheet
498Kb / 18P
4/6 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
logo
ON Semiconductor
CAT3616 ONSEMI-CAT3616 Datasheet
322Kb / 14P
6-Channel Charge Pump LED Driver with EZDim
April, 2010 ??Rev. 3
logo
BCD Semiconductor Manuf...
AP3606,7 BCDSEMI-AP3606,7_10 Datasheet
959Kb / 18P
4/6 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
AP3615 BCDSEMI-AP3615 Datasheet
776Kb / 13P
5 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
logo
Rohm
BD2606MVV ROHM-BD2606MVV Datasheet
1Mb / 20P
6-Channel Charge Pump White LED Driver
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com