Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3607 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP3607
Description  4/6 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3607 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP3607 Datasheet HTML 4Page - Diodes Incorporated AP3607 Datasheet HTML 5Page - Diodes Incorporated AP3607 Datasheet HTML 6Page - Diodes Incorporated AP3607 Datasheet HTML 7Page - Diodes Incorporated AP3607 Datasheet HTML 8Page - Diodes Incorporated AP3607 Datasheet HTML 9Page - Diodes Incorporated AP3607 Datasheet HTML 10Page - Diodes Incorporated AP3607 Datasheet HTML 11Page - Diodes Incorporated AP3607 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AP3606/AP3607
Document number: DS40917 Rev. 1 - 3
8 of 16
www.diodes.com
April 2018
© Diodes Incorporated
AP3606/AP3607
Electrical Characteristics (Cont. VIN=3.6V, VEN=VIN, TA=+25°C, CIN=C1=C2=COUT=1μF, VF(forward voltage)=3.2V, unless
otherwise noted.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ID-Match1
Current Matching Between any Two Outputs
AP3606
VD1=VD2=VD3=VD4=
3.2V
-3
_
3
%
AP3607
VD1=VD2=VD3=VD4=
VD5=VD6=3.2V
ID-Match2
Current Matching Between any Two Outputs
AP3606
VD1=VD2=VD3=VD4=3.0V
to 4.0V
VIN=3.2V to 5.0V
-3.5
_
3.5
%
AP3607
VD1=VD2=VD3=VD4=
VD5=VD6=3.0V to 4.0V
VIN=3.2V to 5.0V
Enable Section
VIH
EN High Level Threshold Voltage
_
1.5
_
_
V
VIL
EN Low Level Threshold Voltage
_
_
_
0.5
V
IEN
EN Input Current
VEN= 0V to 5V
_
1
10
μA
tSHDN
EN Low to Shutdown Delay
_
_
_
1
ms
tLO
EN Low Time for Dimming
_
0.45
_
500
μs
tHI
EN High Time for Dimming
_
0.45
_
_
μs
Total Device
tSS
Soft-start Time
AP3606
ID=80mA Total
_
200
_
μs
AP3607
ID=120mA Total
IINRUSH
Inrush Current
AP3606
VIN=3.2V,
ID=80mA Total
__
200
_
mA
AP3607
VIN=3.2V,
ID=120mA Total
_
320
_
VOVP
Over Voltage Protection
Note 2
_
5.5
_
V
TOTSD
Thermal Shutdown
_
_
+160
_
°C
THYS
Thermal Shutdown Hysteresis
_
_
+20
_
°C
θJC
Thermal Resistance
(Junction to Case)
QFN-3×3-16
_
15
_
°C/W
Note 2:
Open circuit at any WLED that is programmed to be in the on state.
NOT RECOMMENDED FOR NEW DESIGN
USE AP3156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com