Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3607 Datasheet(PDF) 14 Page - Diodes Incorporated

Part # AP3607
Description  4/6 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3607 Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button AP3607 Datasheet HTML 8Page - Diodes Incorporated AP3607 Datasheet HTML 9Page - Diodes Incorporated AP3607 Datasheet HTML 10Page - Diodes Incorporated AP3607 Datasheet HTML 11Page - Diodes Incorporated AP3607 Datasheet HTML 12Page - Diodes Incorporated AP3607 Datasheet HTML 13Page - Diodes Incorporated AP3607 Datasheet HTML 14Page - Diodes Incorporated AP3607 Datasheet HTML 15Page - Diodes Incorporated AP3607 Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AP3606/AP3607
Document number: DS40917 Rev. 1 - 3
14 of 16
www.diodes.com
April 2018
© Diodes Incorporated
AP3606/AP3607
Digital Dimming Operating Diagram (Note 3)
Note 3:
The dimming control can be achieved by applying a pulse to the EN pin. When the low level duration time of pulse is between tLO(MIN) and tLO(MAX), and the
high level duration time is larger than tHI(MIN), the LED current will decrease 1/16. If the low level duration time is larger than tSHDN(MAX), the IC will be turned
off. When AP3606/AP3607 is powered on, the WLED is in full brightness. And it will keep maximum current until the pulse is detected. After 15 pulses the
WLED current decreases to 1/16 of full brightness. It will increase to full brightness if a pulse is added to EN pin then.
Ordering Information
AP36XX X X - X
Packing
Package
Product Name
TR : Tape & Reel
G1 : Green
FN : QFN-3x3-16
RoHS/Green
06 : AP3606
07 : AP3607
Product Version
Package
Temperature Range
Part Number
Marking ID
Packing
QFN-3×3-16
-40 to +85
C
AP3606FNTR-G1
B1B
Tape & Reel
AP3607FNTR-G1
B1C
NOT RECOMMENDED FOR NEW DESIGN
USE AP3156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com