Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3607 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP3607
Description  4/6 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3607 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP3607 Datasheet HTML 1Page - Diodes Incorporated AP3607 Datasheet HTML 2Page - Diodes Incorporated AP3607 Datasheet HTML 3Page - Diodes Incorporated AP3607 Datasheet HTML 4Page - Diodes Incorporated AP3607 Datasheet HTML 5Page - Diodes Incorporated AP3607 Datasheet HTML 6Page - Diodes Incorporated AP3607 Datasheet HTML 7Page - Diodes Incorporated AP3607 Datasheet HTML 8Page - Diodes Incorporated AP3607 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AP3606/AP3607
Document number: DS40917 Rev. 1 - 3
4 of 16
www.diodes.com
April 2018
© Diodes Incorporated
AP3606/AP3607
Pin Descriptions
Pin Number
Pin Name
Function
AP3606
AP3607
1
1
C1-
Flying capacitor 1 negative terminal. The flying capacitor should be connected as close to this pin as
possible
2
2
C2-
Flying capacitor 2 negative terminal. The flying capacitor should be connected as close to this pin as
possible
3
3
C2+
Flying capacitor 2 positive terminal. The flying capacitor should be connected as close to this pin as
possible
4
4
C1+
Flying capacitor 1 positive terminal. The flying capacitor should be connected as close to this pin as
possible
5
5
AGND
Analog ground
6
6
PGND
Power ground
7
7
VIN
Supply voltage input
8
8
EN
Enable control input. Logic high enables the IC; while logic low forces the IC into shutdown mode. It is
used for digital dimming by applying a pulse signal on it.
9, 15
_
NC
No connection (AP3606 only)
_
9, 10
D6 , D5
Current sink for WLED6 and WLED5. Connect the cathode of WLEDs to these pins. If not used, these
pins must be connected with VIN (AP3607 only)
10, 11, 12,
13
11, 12, 13,
14
D4 ~ D1
Current sink for WLED4, 3, 2, 1. Connect the cathode of WLEDs to these pins. If not used, these pins
must be connected with VIN
14
15
VOUT2
Output pin 2. It powers 4 channels current sink (AP3606) and 6 channels current sink (AP3607)
16
16
VOUT1
Output Pin 1. It’s the charge pump output. The output capacitor should be placed closely to this pin
NOT RECOMMENDED FOR NEW DESIGN
USE AP3156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com