Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3607 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP3607
Description  4/6 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3607 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP3607 Datasheet HTML 3Page - Diodes Incorporated AP3607 Datasheet HTML 4Page - Diodes Incorporated AP3607 Datasheet HTML 5Page - Diodes Incorporated AP3607 Datasheet HTML 6Page - Diodes Incorporated AP3607 Datasheet HTML 7Page - Diodes Incorporated AP3607 Datasheet HTML 8Page - Diodes Incorporated AP3607 Datasheet HTML 9Page - Diodes Incorporated AP3607 Datasheet HTML 10Page - Diodes Incorporated AP3607 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AP3606/AP3607
Document number: DS40917 Rev. 1 - 3
7 of 16
www.diodes.com
April 2018
© Diodes Incorporated
AP3606/AP3607
Electrical Characteristics (VIN=3.6V, VEN=VIN, TA=+25°C, CIN=C1=C2=COUT=1μF, VF(forward voltage)=3.2V, unless otherwise
noted.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Input Section
VIN
Input Voltage
ID=0mA to 80mA
2.7
_
5.5
V
_
Under Voltage Lockout Threshold
VIN Falling
_
2.2
_
V
_
Under Voltage Lockout Hysteresis
_
_
250
_
mV
ICC
Supply Current
No Load
_
1.7
3
mA
ISHDN
Shutdown Supply Current
VEN=GND
_
3
10
μA
Charge Pump Section
fOSC
Switch Frequency
VIN=3.0V, 1.5x Mode
0.7
1
1.3
MHz
V1.5X
1x Mode to 1.5x Mode Transition
Voltage (VIN Falling)
AP3606
VD=3.2V,
ID1=ID2=ID3=ID4=20mA
_
3.5
3.6
V
AP3607
VD=3.2V,
ID1=ID2=ID3=ID4=
ID5=ID6=20mA
V1X
1.5x Mode to 1x Mode Transition
Voltage (VIN Rising)
AP3606
VD=3.2V,
ID1=ID2=ID3=ID4=20mA
_
3.7
3.8
V
AP3607
VD=3.2V,
ID1=ID2=ID3=ID4= ID5=ID6=20mA
Current Source Section
ID
WLED Current
100% Setting,
3.0V≤VIN≤5.0V
TA=-40°C to +85°C
18.5
20
21.5
mA
NOT RECOMMENDED FOR NEW DESIGN
USE AP3156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com