Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM26LS31 Datasheet(PDF) 2 Page - Motorola, Inc

Part # AM26LS31
Description  Quad Line Driver with NAND Enabled Three-State Outputs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

AM26LS31 Datasheet(HTML) 2 Page - Motorola, Inc

  AM26LS31 Datasheet HTML 1Page - Motorola, Inc AM26LS31 Datasheet HTML 2Page - Motorola, Inc AM26LS31 Datasheet HTML 3Page - Motorola, Inc AM26LS31 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AM26LS31
2
MOTOROLA ANALOG IC DEVICE DATA
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
8.0
Vdc
Input Voltage
VI
5.5
Vdc
Operating Ambient Temperature Range
TA
0 to + 70
°C
Operating Junction Temperature Range
TJ
150
°C
Storage Temperature Range
Tstg
– 65 to + 150
°C
ELECTRICAL CHARACTERISTICS (Unless otherwise noted, specifications apply 4.75 V
p VCC p 5.25 V and 0°C p TA p 70°C.
Typical values measured at VCC = 5.0 V, and TA = 25°C.)
Characteristic
Symbol
Min
Typ
Max
Unit
Input Voltage – Low Logic State
VIL
0.8
Vdc
Input Voltage – High Logic State
VIH
2.0
Vdc
Input Current – Low Logic State
(VIL = 0.4 V)
IIL
– 360
µA
Input Current – High Logic State
(VIH = 2.7 V)
(VIH = 7.0 V)
IIH
+ 20
+ 100
µA
Input Clamp Voltage
(IIK = – 18 mA)
VIK
– 1.5
V
Output Voltage – Low Logic State
(IOL = 20 mA)
VOL
0.5
V
Output Voltage – High Logic State
(IOH = –20 mA)
VOH
2.5
V
Output Short Circuit Current
(VIH = 2.0 V) Note 1
IOS
– 30
– 150
mA
Output Leakage Current – Hi–Z State
(VOL = 0.5 V, VIL(E) = 0.8 V, VIH(E) = 2.0 V)
(VOH = 2.5 V, VIL(E) = 0.8 V, VIH(E) = 2.0 V)
IO(Z)
– 20
+ 20
µA
Output Leakage Current – Power OFF
(VOH = 6.0 V, VCC = 0 V)
(VOL = – 0.25 V, VCC = 0 V)
IO(off)
+ 100
– 100
µA
Output Offset Voltage Difference, Note 2
VOS – VOS
"0.4
V
Output Differential Voltage, Note 2
VOD
2.0
V
Output Differential Voltage Difference, Note 2
∆VOD
± 0.4
V
Power Supply Current
(Output Disabled) Note 3
ICCX
60
80
mA
NOTES: 1. Only one output may be shorted at a time.
2. See EIA Specification EIA–422 for exact test conditions.
3. Circuit in three–state condition.
SWITCHING CHARACTERISTICS (VCC = 5.0 V, TA = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Propagation Delay Times
High to Low Output
Low to High Output
tPHL
tPLH
20
20
ns
Output Skew
6.0
ns
Propagation Delay – Control to Output
(CL = 10 pF, RL = 75 Ω to Gnd)
(CL = 10 pF, RL = 180 Ω to VCC)
(CL = 30 pF, RL = 75 Ω to Gnd)
(CL = 30 pF, RL = 180 Ω to VCC)
tPHZ(E)
tPLZ(E)
tPZH(E)
tPZL(E)
30
35
40
45
ns



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com