Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM26LS31 Datasheet(PDF) 1 Page - Motorola, Inc

Part # AM26LS31
Description  Quad Line Driver with NAND Enabled Three-State Outputs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

AM26LS31 Datasheet(HTML) 1 Page - Motorola, Inc

  AM26LS31 Datasheet HTML 1Page - Motorola, Inc AM26LS31 Datasheet HTML 2Page - Motorola, Inc AM26LS31 Datasheet HTML 3Page - Motorola, Inc AM26LS31 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AM26LS31
SEMICONDUCTOR
TECHNICAL DATA
QUAD EIA–422 LINE DRIVER
WITH THREE–STATE OUTPUTS
PIN CONNECTIONS
Order this document by AM26LS31/D
PC SUFFIX
PLASTIC PACKAGE
CASE 648
D SUFFIX
PLASTIC PACKAGE
CASE 751B
(SO–16)
Device
Operating
Temperature Range
Package
ORDERING INFORMATION
AM26LS31PC
MC26LS31D*
TA = 0 to +70°C
Plastic DIP
SO–16
11
10
Outputs C
9
6
5
Outputs D
13
14
Outputs A
3
2
8
7
4
1
12
15
Outputs B
Enable
VCC
Input C
Input D
Input A
16
Enable
Input B
Gnd
1
MOTOROLA ANALOG IC DEVICE DATA
Quad Line Driver with NAND
Enabled Three-State Outputs
The Motorola AM26LS31 is a quad differential line driver intended for
digital data transmission over balanced lines. It meets all the requirements of
EIA–422 Standard and Federal Standard 1020.
The AM26LS31 provides an enable/disable function common to all four
drivers as opposed to the split enables on the MC3487 EIA–422 driver.
The high impedance output state is assured during power down.
• Full EIA–422 Standard Compliance
• Single +5.0 V Supply
• Meets Full VO = 6.0 V, VCC = 0 V, IO t 100 µA Requirement
• Output Short Circuit Protection
• Complementary Outputs for Balanced Line Operation
• High Output Drive Capability
• Advanced LS Processing
• PNP Inputs for MOS Compatibility
Representative Block Diagrams
Enable
Enable
Input
Non–Inverting
Outputs
Inverting
Output
Controls
TRUTH TABLE
Input
Control
lnputs
(E/E)
Non–Inverting
Output
Inverting
Output
H
L
X
H/L
H/L
L/H
H
L
Z
L
H
Z
* Note that the surface mount MC26LS31D device uses the same die as in the plastic DIP
* AM26LS31DC device, but with an MC prefix to prevent confusion with the package suffix.
© Motorola, Inc. 1995
L = Low Logic State
H = High Logic State
X = Irrelevant
Z = Third–State (High Impedance)


Similar Part No. - AM26LS31

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26LS31 TI-AM26LS31 Datasheet
559Kb / 18P
QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26LS31 TI1-AM26LS31 Datasheet
1Mb / 28P
Quadruple Differential Line Driver
AM26LS31 TI-AM26LS31 Datasheet
1Mb / 34P
AM26LS31x Quadruple Differential Line Driver
REVISED OCTOBER 2018
AM26LS31-W TI-AM26LS31-W Datasheet
1Mb / 22P
QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26LS31C TI-AM26LS31C Datasheet
146Kb / 9P
QUADRUPLE DIFFERENTIAL LINE DRIVER
REVISED OCTOBER 1998
More results

Similar Description - AM26LS31

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN75175 MOTOROLA-SN75175 Datasheet
135Kb / 8P
QUAD EIA-485 LINE RECEIVER WITH THREE-STATE OUTPUTS
logo
Texas Instruments
CD74AC257 TI-CD74AC257 Datasheet
39Kb / 8P
Quad 2-Input Multiplexer with Three-State Outputs
logo
Motorola, Inc
MC26LS31 MOTOROLA-MC26LS31 Datasheet
205Kb / 3P
Quad Line Driver with NAND Enabled Three-State Outputs
logo
Advanced Micro Devices
AM26LS29 AMD-AM26LS29 Datasheet
382Kb / 6P
QUAD THREE-STATE SINGLE ENDED RS-423 LINE DRIVER
logo
Texas Instruments
CD74AC257 TI-CD74AC257 Datasheet
287Kb / 8P
Quad 2-Input Multiplexer with Three-State Outputs
logo
NTE Electronics
NTE7174 NTE-NTE7174 Datasheet
39Kb / 3P
Integrated Circuit Quad EIA−422 Line Receiver With Three−State Outputs
NTE7175 NTE-NTE7175 Datasheet
40Kb / 3P
Integrated Circuit Quad EIA−422 Line Driver With Three−State Outputs
logo
Texas Instruments
CD54AC257 TI-CD54AC257_07 Datasheet
455Kb / 17P
Quad 2-Input Multiplexer with Three-State Outputs
CD54AC257 TI-CD54AC257_08 Datasheet
485Kb / 17P
Quad 2-Input Multiplexer with Three-State Outputs
logo
Aeroflex Circuit Techno...
UT54ACS365 AEROFLEX-UT54ACS365 Datasheet
234Kb / 10P
Hex Buffers/Line Drivers with Three-State Outputs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com