Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WI453232-R18F Datasheet(PDF) 2 Page - Superworld Electronics

Part # WI453232-R18F
Description  MOLDED WIREWOUND CHIP INDUCTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

WI453232-R18F Datasheet(HTML) 2 Page - Superworld Electronics

  WI453232-R18F Datasheet HTML 1Page - Superworld Electronics WI453232-R18F Datasheet HTML 2Page - Superworld Electronics WI453232-R18F Datasheet HTML 3Page - Superworld Electronics WI453232-R18F Datasheet HTML 4Page - Superworld Electronics WI453232-R18F Datasheet HTML 5Page - Superworld Electronics WI453232-R18F Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
d) Operating temp. : -40°C to +125°C
c) Storage temp. : -40°C to +125°C
b) Ambient temp. : 100°C Max.
a) Temp. rise : 20°C Max.
WI453232 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
26.02.2009
e) Terminal strength : 0.5Kg Min.
5. GENERAL SPECIFICATION :
h) Resistance to solvent : Per MIL-STD-202F
g) Resistance to solder heat : 260°C for 10secs
f) Rated current : Current cause inductance drop within 10%
MOLDED WIREWOUND CHIP INDUCTORS
6. CHARACTERISTICS CURVES :
3~5°C/sec
Cooling Area
200
50
0
100
150
100
50
Time (seconds)
150
200
(45~70sec)
Max time above 200°C : 70sec Max.
Max time above 230°C : 40sec Max.
Peak Temp : 250°C Max.
250
Preheat Area
Reflow Area
Rising Area
150~180°C / 90~150 sec
2~4°C/sec
250±5°C
10sec
2~4°C/sec
Temperature
250



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com