Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WI453232-R18F Datasheet(PDF) 3 Page - Superworld Electronics

Part # WI453232-R18F
Description  MOLDED WIREWOUND CHIP INDUCTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

WI453232-R18F Datasheet(HTML) 3 Page - Superworld Electronics

  WI453232-R18F Datasheet HTML 1Page - Superworld Electronics WI453232-R18F Datasheet HTML 2Page - Superworld Electronics WI453232-R18F Datasheet HTML 3Page - Superworld Electronics WI453232-R18F Datasheet HTML 4Page - Superworld Electronics WI453232-R18F Datasheet HTML 5Page - Superworld Electronics WI453232-R18F Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
WI453232 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 3
26.02.2009
7. ELECTRICAL CHARACTERISTICS :
MOLDED WIREWOUND CHIP INDUCTORS
8.00
110
6.0
40
0.796
120.00
WI453232-121 F
WI453232-181 F
WI453232-151 F
WI453232-221 F
WI453232-271 F
WI453232-331 F
WI453232-391 F
WI453232-471 F
WI453232-561 F
WI453232-681 F
WI453232-821 F
WI453232-102 F
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.252
30
680.00
1000.00
820.00
20
30
330.00
390.00
470.00
560.00
150.00
180.00
220.00
270.00
40
40
40
30
40
40
40
40
30.00
50
3.0
2.5
2.5
35.00
40.00
30
30
3.5
3.0
3.0
3.0
5.0
4.0
4.0
5.0
14.00
85
18.00
26.00
30.00
62
80
50
9.00
10.00
12.00
9.50
100
105
102
92
WI453232-R10 F
WI453232-R12 F
WI453232-R15 F
WI453232-R18 F
WI453232-R22 F
WI453232-R39 F
WI453232-R33 F
WI453232-R27 F
WI453232-R47 F
WI453232-R82 F
WI453232-R68 F
WI453232-R56 F
WI453232-1R0 F
WI453232-1R5 F
WI453232-1R8 F
WI453232-2R2 F
WI453232-150 F
WI453232-390 F
WI453232-180 F
WI453232-220 F
WI453232-330 F
WI453232-270 F
WI453232-5R6 F
WI453232-120 F
WI453232-100 F
WI453232-6R8 F
WI453232-8R2 F
WI453232-4R7 F
WI453232-3R9 F
WI453232-3R3 F
WI453232-2R7 F
WI453232-470 F
WI453232-560 F
WI453232-1R2 F
WI453232-820 F
WI453232-101 F
WI453232-680 F
0.75
370
50
50
7.96
2.70
2.52
7.96
7.96
7.96
7.96
7.96
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
7.96
0.796
2.52
2.52
50
18.00
47.00
56.00
82.00
100.00
68.00
22.00
33.00
39.00
27.00
50
50
40
50
50
50
50
50
50
6.80
12.00
15.00
10.00
8.20
3.90
4.70
5.60
3.30
50
50
50
50
50
50
50
50
50
2.80
190
15
10
9.0
8.0
8.0
9.0
13
11
10
12
5.00
140
5.50
8.00
7.00
6.00
135
110
120
130
3.20
4.50
4.00
3.60
170
150
160
180
27
17
20
18
25
35
33
40
45
1.20
285
2.00
2.50
1.60
1.40
225
200
270
250
0.90
1.00
1.10
0.80
330
315
300
355
7.96
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
7.96
7.96
7.96
7.96
40
40
0.47
1.00
1.80
2.20
1.20
1.50
0.56
0.68
0.82
50
50
50
50
50
40
40
40
0.18
0.22
0.27
0.33
0.39
0.10
0.12
0.15
35
40
40
40
35
35
35
0.32
545
100
55
80
70
60
140
135
130
145
0.50
450
0.65
0.70
0.55
0.60
390
380
430
410
0.36
0.40
0.45
520
500
475
220
165
200
180
150
300
280
250
0.24
700
0.25
0.28
0.26
0.30
665
605
575
635
0.18
0.20
0.22
730
770
800
IDC
RDC
SRF
Test
( MHz )
Frequency
Part No.
( µH )
Inductance
Min.
Q
( MHz )
Min.
(
)
Max.
( mA )
Max.
M : ±20%
Inductance tolerance :
1R0 ~ 102 :
R10 ~ R82 :
: J : ±5%
K : ±10%
M : ±20%
: K : ±10%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com