Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM26LS32 Datasheet(PDF) 1 Page - Motorola, Inc

Part # AM26LS32
Description  QUAD EIA-422/3 LINE RECEIVER WITH THREE.STATE OUTPUTS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

AM26LS32 Datasheet(HTML) 1 Page - Motorola, Inc

  AM26LS32 Datasheet HTML 1Page - Motorola, Inc AM26LS32 Datasheet HTML 2Page - Motorola, Inc AM26LS32 Datasheet HTML 3Page - Motorola, Inc AM26LS32 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AM26LS32
SEMICONDUCTOR
TECHNICAL DATA
QUAD EIA–422/3 LINE
RECEIVER WITH
THREE–STATE OUTPUTS
ORDERING INFORMATION
PIN CONNECTIONS
Order this document by AM26LS32/D
PC SUFFIX
PLASTIC PACKAGE
CASE 648
D SUFFIX
PLASTIC PACKAGE
CASE 751B
(SO–16)
Device
Operating
Temperature Range
Package
AM26LS32PC
MC26LS32D*
TA = 0 to 70°C
Plastic DIP
SO–16
9
–
+
–
8
7
6
5
4
3
2
1
10
11
12
13
14
+
–
+
–
Inputs A
+
VCC
16
3–State
Control
GND
Output B
Output D
15
3–State
Control
Inputs C
Inputs B
Inputs D
Outputs A
Output C
1
MOTOROLA ANALOG IC DEVICE DATA
QUAD EIA-422/423 Line
Receiver with Three-State
Outputs
Motorola
′s Quad EIA–422/3 Receiver features four independent receiver
chains which comply with EIA Standards for the Electrical Characteristics of
Balanced/Unbalanced Voltage Digital Interface Circuits. Receiver outputs
are 74LS compatible, three–state structures which are forced to a high
impedance state when Pin 4 is a Logic “0” and Pin 12 is a Logic “1.” A PNP
device buffers each output control pin to assure minimum loading for either
Logic “1” or Logic “0” inputs. In addition, each receiver chain has internal
hysteresis circuitry to improve noise margin and discourage output instability
for slowly changing input waveforms. A summary of AM26LS32 features
include:
• Four Independent Receiver Chains
• Three–State Outputs
• High Impedance Output Control Inputs
(PIA Compatible)
• Internal Hysteresis – 30 mV (Typical) @ Zero Volts Common Mode
• Fast Propagation Times – 25 ns (Typical)
• TTL Compatible
• Single 5.0 V Supply Voltage
• Fail–Safe Input–Output Relationship. Output Always High When Inputs
Are Open, Terminated or Shorted
• 6.0 k Minimum Input Impedance
* Note that the surface mount MC26LS32D device uses the same die as in the plastic DIP
* AM26LS32DC device, but with an MC prefix to prevent confusion with the package suffix.
Representative Block Diagram
Hysteresis
Amplifier
Amplifier
Three–State
Control
Inputs
Output
Differential
Inputs
Input
Network
Level
Translator
Level
Translator
© Motorola, Inc. 1995


Similar Part No. - AM26LS32

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26LS32A TI-AM26LS32A Datasheet
145Kb / 10P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32A TI-AM26LS32A Datasheet
1Mb / 36P
AM26LS32Ax, AM26LS33Ax Quadruple Differential Line Receivers
REVISED SEPTEMBER 2016
AM26LS32A TI2-AM26LS32A Datasheet
1Mb / 35P
AM26LS32Ax, AM26LS33Ax Quadruple Differential Line Receivers
REVISED AUGUST 2023
AM26LS32AC TI-AM26LS32AC Datasheet
145Kb / 10P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC Datasheet
541Kb / 18P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
More results

Similar Description - AM26LS32

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN75175 MOTOROLA-SN75175 Datasheet
135Kb / 8P
QUAD EIA-485 LINE RECEIVER WITH THREE-STATE OUTPUTS
logo
National Semiconductor ...
DS96F172M NSC-DS96F172M Datasheet
717Kb / 11P
EIA-485/EIA-422 Quad Differential Drivers
logo
ON Semiconductor
MC75172B ONSEMI-MC75172B_06 Datasheet
122Kb / 13P
Quad EIA??85 Line Drivers with Three?뭆tate Outputs
July, 2006 ??Rev. 4
logo
NTE Electronics
NTE7174 NTE-NTE7174 Datasheet
39Kb / 3P
Integrated Circuit Quad EIA−422 Line Receiver With Three−State Outputs
logo
National Semiconductor ...
DS3486 NSC-DS3486_07 Datasheet
255Kb / 8P
Quad RS-422, RS-423 Line Receiver
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
EIA-485/EIA-422 Quad Differential Drivers
logo
Motorola, Inc
MC34C86 MOTOROLA-MC34C86 Datasheet
116Kb / 4P
Quad EIA-422-A Line Receiver CMOS
MC26C31 MOTOROLA-MC26C31 Datasheet
119Kb / 4P
Quad EIA-422-A Line Driver
MC26C32 MOTOROLA-MC26C32 Datasheet
115Kb / 4P
Quad EIA-422-A Line Receiver
MC34C87 MOTOROLA-MC34C87 Datasheet
119Kb / 4P
Quad EIA-422-A Line Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com