Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

39357-0002 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 39357-0002
Description  3.50mm (.138?? Pitch 35 Series Beau짰 Eurostyle짰 Fixed Terminal Blocks
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

39357-0002 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  39357-0002 Datasheet HTML 1Page - Molex Electronics Ltd. 39357-0002 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES AND SPECIFICATIONS
SPECIFICATIONS
3.50mm (.138”) Pitch
35 Series
Beau® Eurostyle®
Fixed Terminal Blocks
39357
The small pitch size on Molex’s 3.50mm (.138”) fixed
Terminal Blocks help solve packaging problems due to
limited PCB real-estate. 3.50mm (.138”) terminal
blocks continue to gain market acceptance and are
now used regularly in many applications as more high
density I/O applications are released.
These terminal blocks are available molded-to-length
in up to 25 circuits and are manufactured with captive-
screws and a rising cage clamp termination, providing
a secure, gas-tight connection when terminating wires.
Reference Information
Packaging: Box
UL File No.: E48521
Guide No.: XCFR2
UL for Canada File No.: E48521
Guide No.: XCFR8 (Pending)
Electrical
Voltage: 300V
Current: 12.0A
Contact Resistance: 15 milliohms max.
Insulation Resistance: 1000 Megohms (500VDC) min.
Mechanical
Wire Range: 16 to 28 AWG (1.31 to 0.08mm2)
Strip Length: 5.00mm (.200 in.)
Tightening Torque: 0.30Nm (2.7 in-lbs)
Physical
Housing: Nylon, PA 6/6
Contact: Copper Alloy
Contact Plating: Tin
Screw: M2, slotted, Copper Alloy
Screw Plating: Nickel
Cage Clamp: Copper Alloy
Cage Clamp Plating: Nickel
Operating Temperature: +105°C max.
Features and Benefits
I Rising cage clamp termination provides a gas-tight
connection without strand damage or intermittence
I Small pitch size is ideal for limited PCB real-estate
applications
I Captive screws will not back out of the housing
I Molded to length providing an easier to work with
solution versus parts that need to be dovetailed to
form longer circuit sizes
Beau Eurostyle 35 series fixed (one-piece) terminal blocks offer a
compact solution where PCB space is constrained
3-circuit fixed terminal block


Similar Part No. - 39357-0002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39357-0002 MOLEX11-39357-0002 Datasheet
38Kb / 2P
3.50mm Pitch Beau Eurostyle Fixed Mount PCB Terminal Block, 2 Circuits
More results

Similar Description - 39357-0002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39890-03 MOLEX-39890-03 Datasheet
446Kb / 2P
5.00 and 5.08mm (.197 and .200?? Pitch Beau짰 Eurostyle짰 Low Profile Terminal Blocks
39371-00 MOLEX-39371-00 Datasheet
228Kb / 2P
7.50mm (.295?? Pitch 37 Series Beau짰 Eurostyle짰 Pluggable Terminal Blocks
39380-0102 MOLEX-39380-0102 Datasheet
256Kb / 2P
6.35 and 9.52mm (.250 and .375?? Pitch Beau짰 Eurostyle짰 Terminal Blocks
39890-05 MOLEX-39890-05 Datasheet
186Kb / 2P
5.00 and 5.08mm (.197 and .200?? Pitch Beau짰 Eurostyle짰 Multi-Level, Fixed Terminal Blocks
39351-00 MOLEX-39351-00 Datasheet
139Kb / 2P
35 Series Pluggable Terminal Blocks
0393570008 MOLEX5-0393570008 Datasheet
277Kb / 3P
3.50mm (.138") Pitch Beau Eurostyle??Fixed Mount PCB Terminal Block, 8 Circuits
0393570002 MOLEX5-0393570002 Datasheet
277Kb / 3P
3.50mm (.138") Pitch Beau Eurostyle??Fixed Mount PCB Terminal Block, 2 Circuits
0393570010 MOLEX5-0393570010 Datasheet
277Kb / 3P
3.50mm (.138") Pitch Beau Eurostyle??Fixed Mount PCB Terminal Block, 10 Circuits
0393570004 MOLEX5-0393570004 Datasheet
277Kb / 3P
3.50mm (.138") Pitch Beau Eurostyle??Fixed Mount PCB Terminal Block, 4 Circuits
0393570011 MOLEX5-0393570011 Datasheet
277Kb / 3P
3.50mm (.138") Pitch Beau Eurostyle??Fixed Mount PCB Terminal Block, 11 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com