Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

39357-0002 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 39357-0002
Description  3.50mm (.138?? Pitch 35 Series Beau짰 Eurostyle짰 Fixed Terminal Blocks
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

39357-0002 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  39357-0002 Datasheet HTML 1Page - Molex Electronics Ltd. 39357-0002 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
APPLICATIONS
3.50mm (.138”) Pitch
35 Series
Beau® Eurostyle®
Fixed Terminal Blocks
39357
I Process controls
I Instrumentation
I Motion control
I Factory automation
I Scales and weighing equipment
I Signal conditioning
I Security and surveillance equipment
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
1-800-78MOLEX
amerinfo@molex.com
Far East North Headquarters
Yamato, Kanagawa, Japan
81-462-65-2324
feninfo@molex.com
Far East South Headquarters
Jurong, Singapore
65-6-268-6868
fesinfo@molex.com
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
630-969-4550
Fax:630-969-1352
Visit our Web site at http://www.molex.com/product/tblocks/series35.html
Order No. USA-283
Printed in USA/JI/2005.01
©2005 Molex
ORDERING INFORMATION
Order No.
Circuits
39357-0002
2
39357-0003
3
39357-0004
4
39357-0005
5
39357-0006
6
39357-0007
7
39357-0008
8
39357-0009
9
39357-0010
10
39357-0011
11
39357-0012
12
39357-0013
13
Order No.
Circuits
39357-0014
14
39357-0015
15
39357-0016
16
39357-0017
17
39357-0018
18
39357-0019
19
39357-0020
20
39357-0021
21
39357-0022
22
39357-0023
23
39357-0024
24
39357-0025
25



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com