Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75150 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN75150
Description  DUAL LINE DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75150 Datasheet(HTML) 1 Page - Texas Instruments

  SN75150 Datasheet HTML 1Page - Texas Instruments SN75150 Datasheet HTML 2Page - Texas Instruments SN75150 Datasheet HTML 3Page - Texas Instruments SN75150 Datasheet HTML 4Page - Texas Instruments SN75150 Datasheet HTML 5Page - Texas Instruments SN75150 Datasheet HTML 6Page - Texas Instruments SN75150 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SN75150
DUAL LINE DRIVER
SLLS081C – JANUARY 1971 – REVISED JUNE 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Meets or Exceeds the Requirement of
TIA/EIA-232-F and ITU Recommendation
V.28
D Withstands Sustained Output Short Circuit
to Any Low-Impedance Voltage Between
– 25 V and 25 V
D 2-µs Maximum Transition Time Through the
3-V to – 3-V Transition Region Under Full
2500-pF Load
D Inputs Compatible With Most TTL Families
D Common Strobe Input
D Inverting Output
D Slew Rate Can Be Controlled With an
External Capacitor at the Output
D Standard Supply Voltages . . . ±12 V
description
The SN75150 is a monolithic dual line driver designed to satisfy the requirements of the standard interface
between data-terminal equipment and data-communication equipment as defined by TIA/EIA-232-F. A rate of
20 kbits/s can be transmitted with a full 2500-pF load. Other applications are in data-transmission systems using
relatively short single lines, in level translators, and for driving MOS devices. The logic input is compatible with
most TTL families. Operation is from 12-V and –12-V power supplies.
The SN75150 is characterized for operation from 0
°C to 70°C.
logic symbol†
7
6
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
EN
1Y
2Y
S
1A
2A
3
2
1
logic diagram (positive logic)
3
2
1
S
1A
2A
7
6
1Y
2Y
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
S
1A
2A
GND
VCC+
1Y
2Y
VCC–
D OR P PACKAGE
(TOP VIEW)


Similar Part No. - SN75150

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75150 TI1-SN75150 Datasheet
465Kb / 15P
DUAL LINE DRIVER
SN75150 TI2-SN75150 Datasheet
485Kb / 16P
DUAL LINE DRIVER
REVISED JUNE 1999
SN751506 TI1-SN751506 Datasheet
180Kb / 11P
DC PLASMA DISPLAY DRIVERS
SN751506FT TI1-SN751506FT Datasheet
180Kb / 11P
DC PLASMA DISPLAY DRIVERS
logo
STMicroelectronics
SN751508 STMICROELECTRONICS-SN751508 Datasheet
286Kb / 19P
DC PLASMA DISPLAY DRIVERS
24-Jun-2005
More results

Similar Description - SN75150

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS75150 NSC-DS75150 Datasheet
103Kb / 6P
Dual Line Driver
logo
Texas Instruments
SN75123 TI-SN75123 Datasheet
97Kb / 6P
DUAL LINE DRIVER
SN75ALS191 TI-SN75ALS191 Datasheet
76Kb / 5P
DUAL DIFFERENTIAL LINE DRIVER
SN75ALS121 TI-SN75ALS121 Datasheet
183Kb / 5P
DUAL LINE DRIVER
SN75ALS123 TI-SN75ALS123 Datasheet
289Kb / 4P
DUAL LINE DRIVER
SN75ALS191DE4 TI-SN75ALS191DE4 Datasheet
652Kb / 14P
DUAL DIFFERENTIAL LINE DRIVER
SN75ALS121 TI1-SN75ALS121_08 Datasheet
93Kb / 7P
DUAL LINE DRIVER
SN75ALS123 TI1-SN75ALS123_08 Datasheet
79Kb / 5P
DUAL LINE DRIVER
SN75123 TI1-SN75123_14 Datasheet
246Kb / 10P
DUAL LINE DRIVER
SN75150 TI1-SN75150_14 Datasheet
465Kb / 15P
DUAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com