Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75179B Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN75179B
Description  DIFFERENTIAL DRIVER AND RECEIVER PAIR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75179B Datasheet(HTML) 1 Page - Texas Instruments

  SN75179B Datasheet HTML 1Page - Texas Instruments SN75179B Datasheet HTML 2Page - Texas Instruments SN75179B Datasheet HTML 3Page - Texas Instruments SN75179B Datasheet HTML 4Page - Texas Instruments SN75179B Datasheet HTML 5Page - Texas Instruments SN75179B Datasheet HTML 6Page - Texas Instruments SN75179B Datasheet HTML 7Page - Texas Instruments SN75179B Datasheet HTML 8Page - Texas Instruments SN75179B Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SN75179B
DIFFERENTIAL DRIVER AND RECEIVER PAIR
SLLS003E – OCTOBER 1985 – REVISED JUNE 1998
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Meets or Exceeds the Requirements of
TIA/EIA-422-B, TIA/EIA-485-A, and ITU
Recommendation V.11
D Bus Voltage Range...–7 V to 12 V
D Positive- and Negative-Current Limiting
D Driver Output Capability...60 mA Max
D Driver Thermal-Shutdown Protection
D Receiver Input Impedance...12 kΩ Min
D Receiver Input Sensitivity... ±200 mV
D Receiver Input Hysteresis...50 mV Typ
D Operates From Single 5-V Supply
D Low Power Requirements
description
The SN75179B is a differential driver and receiver pair designed for balanced transmission-line applications
and meets TIA/EIA-422-B, TIA/EIA-485-A, and ITU Recommendation V.11. It is designed to improve the
performance of full-duplex data communications over long bus lines.
The SN75179B driver output provides limiting for both positive and negative currents. The receiver features high
input impedance, input hysteresis for increased noise immunity, and input sensitivity of
±200 mV over a
common-mode input voltage range of – 7 V to 12 V. The driver provides thermal shutdown for protection from
line fault conditions. Thermal shutdown is designed to occur at a junction temperature of approximately 150
°C.
The SN75179B is designed to drive current loads of up to 60 mA maximum.
The SN75179B is characterized for operation from 0
°C to 70°C.
Function Tables
DRIVER
INPUT
OUTPUTS
D
Y
Z
H
H
L
L
L
H
RECEIVER
DIFFERENTIAL INPUTS
OUTPUT
A – B
R
VID ≥ 0.2 V
H
– 0.2 V < VID < 0.2 V
?
VID ≤ – 0.2 V
L
Open
?
H = high level, L = low level, ? = indeterminate
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
VCC
R
D
GND
A
B
Z
Y
D OR P PACKAGE
(TOP VIEW)


Similar Part No. - SN75179B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75179B TI2-SN75179B Datasheet
1,000Kb / 23P
SN75179B Differential Driver and Receiver Pair
REVISED APRIL 2025
SN75179BD TI-SN75179BD Datasheet
664Kb / 17P
Bus Voltage Range?? V to 12 V, Driver Thermal-Shutdown Protection, Low Power Requirements
SN75179BD TI2-SN75179BD Datasheet
1,000Kb / 23P
SN75179B Differential Driver and Receiver Pair
REVISED APRIL 2025
SN75179BDE4 TI-SN75179BDE4 Datasheet
664Kb / 17P
Bus Voltage Range?? V to 12 V, Driver Thermal-Shutdown Protection, Low Power Requirements
SN75179BDG4 TI-SN75179BDG4 Datasheet
664Kb / 17P
Bus Voltage Range?? V to 12 V, Driver Thermal-Shutdown Protection, Low Power Requirements
More results

Similar Description - SN75179B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS181 TI-SN75ALS181 Datasheet
314Kb / 14P
DIFFERENTIAL DRIVER AND RECEIVER PAIR
logo
Linear Technology
LTC490 LINER-LTC490 Datasheet
203Kb / 8P
Differential Driver and Receiver Pair
LTC491 LINER-LTC491 Datasheet
236Kb / 12P
Differential Driver and Receiver Pair
LTC490 LINER-LTC490_04 Datasheet
165Kb / 12P
Differential Driver and Receiver Pair
LTC491 LINER-LTC491_04 Datasheet
182Kb / 12P
Differential Driver and Receiver Pair
logo
Texas Instruments
SN75ALS181 TI-SN75ALS181_08 Datasheet
494Kb / 16P
DIFFERENTIAL DRIVER AND RECEIVER PAIR
SN75ALS181 TI-SN75ALS181_10 Datasheet
870Kb / 15P
DIFFERENTIAL DRIVER AND RECEIVER PAIR
SN75179A TI1-SN75179A Datasheet
191Kb / 10P
DIFFERENTIAL DRIVER AND RECEIVER PAIR
logo
Linear Technology
LTC490 LINER-LTC490_15 Datasheet
174Kb / 12P
Differential Driver and Receiver Pair
LTC491 LINER-LTC491_15 Datasheet
192Kb / 12P
Differential Driver and Receiver Pair
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com