Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75179B Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN75179B
Description  DIFFERENTIAL DRIVER AND RECEIVER PAIR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75179B Datasheet(HTML) 2 Page - Texas Instruments

  SN75179B Datasheet HTML 1Page - Texas Instruments SN75179B Datasheet HTML 2Page - Texas Instruments SN75179B Datasheet HTML 3Page - Texas Instruments SN75179B Datasheet HTML 4Page - Texas Instruments SN75179B Datasheet HTML 5Page - Texas Instruments SN75179B Datasheet HTML 6Page - Texas Instruments SN75179B Datasheet HTML 7Page - Texas Instruments SN75179B Datasheet HTML 8Page - Texas Instruments SN75179B Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SN75179B
DIFFERENTIAL DRIVER AND RECEIVER PAIR
SLLS003E – OCTOBER 1985 – REVISED JUNE 1998
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
logic symbol
D
R
3
2
Y
Z
B
A
5
6
7
8
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
logic diagram (positive logic)
D
R
3
2
Y
Z
B
A
5
6
7
8
schematics of inputs and outputs
TYPICAL OF ALL RECEIVER OUTPUTS
TYPICAL OF ALL DRIVER OUTPUTS
EQUIVALENT OF EACH RECEIVER INPUT
EQUIVALENT OF DRIVER INPUT
Output
VCC
85
NOM
Input
VCC
16.8 k
NOM
960
NOM
GND
Output
VCC
Driver input: R(eq) = 3 kΩ NOM
R(eq) = equivalent resistor
Input
VCC
960
NOM



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com