Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75374 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN75374
Description  QUADRUPLE MOSFET DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75374 Datasheet(HTML) 1 Page - Texas Instruments

  SN75374 Datasheet HTML 1Page - Texas Instruments SN75374 Datasheet HTML 2Page - Texas Instruments SN75374 Datasheet HTML 3Page - Texas Instruments SN75374 Datasheet HTML 4Page - Texas Instruments SN75374 Datasheet HTML 5Page - Texas Instruments SN75374 Datasheet HTML 6Page - Texas Instruments SN75374 Datasheet HTML 7Page - Texas Instruments SN75374 Datasheet HTML 8Page - Texas Instruments SN75374 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SN75374
QUADRUPLE MOSFET DRIVER
SLRS028 – SEPTEMBER 1988
Copyright
© 1988, Texas Instruments Incorporated
3–1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
• Quadruple Circuits Capable of Driving
High-Capacitance Loads at High Speeds
• Output Supply Voltage Range From 5 V
to 24 V
• Low Standby Power Dissipation
• V
CC3 Supply Maximizes Output Source
Voltage
description
The SN75374 is a quadruple NAND interface
circuit designed to drive power MOSFETs from
TTL inputs. It provides the high current and
voltage necessary to drive large capacitive loads
at high speeds.
The outputs can be switched very close to the
VCC2 supply rail when VCC3 is about 3 V higher
than VCC2. VCC3 can also be tied directly to VCC2
when the source voltage requirements are lower.
The SN75374 is characterized for operation from
0
°C to 70°C.
logic symbol†
(7-48)
2
1
4A
3A
2A
1A
2E2
2E1
1E2
1E1
4Y
3Y
2Y
1Y
14
11
6
3
13
12
5
4
15
10
7
2
TTL/MOS
TTL/MOS
EN2
EN1
&
&
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12
4A
3A
2A
1A
14
11
6
3
2E2
13
2E1
12
1E2
1E1
5
4
2
7
10
15
1Y
2Y
3Y
4Y
schematic (each driver)
logic diagram (positive logic)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VCC2
1Y
1A
1E1
1E2
2A
2Y
GND
VCC1
4Y
4A
2E2
2E1
3A
3Y
VCC3
(TOP VIEW)
D OR N PACKAGE
To Other
Drivers
Enable
E1
Enable
E2
Input A
VCC1
VCC3
VCC2
Output
Y
GND
To Other
Drivers
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN75374

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75374 TI-SN75374 Datasheet
344Kb / 15P
QUADRUPLE MOSFET DRIVER
SN75374 TI1-SN75374 Datasheet
533Kb / 19P
QUADRUPLE MOSFET DRIVER
SN75374 TI2-SN75374 Datasheet
431Kb / 19P
QUADRUPLE MOSFET DRIVER
REVISED NOVEMBER 2004
SN75374D TI-SN75374D Datasheet
344Kb / 15P
QUADRUPLE MOSFET DRIVER
SN75374D TI1-SN75374D Datasheet
533Kb / 19P
QUADRUPLE MOSFET DRIVER
More results

Similar Description - SN75374

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75439 TI-SN75439 Datasheet
115Kb / 7P
QUADRUPLE PERIPHERAL DRIVER
SN75130 TI-SN75130 Datasheet
131Kb / 8P
QUADRUPLE LINE DRIVER
SN75ALS126 TI-SN75ALS126 Datasheet
115Kb / 7P
QUADRUPLE LINE DRIVER
SN75126 TI-SN75126 Datasheet
215Kb / 9P
QUADRUPLE LINE DRIVER
SN75374 TI-SN75374_06 Datasheet
344Kb / 15P
QUADRUPLE MOSFET DRIVER
SN75437A TI-SN75437A Datasheet
110Kb / 7P
QUADRUPLE PERIPHERAL DRIVER
SN75ALS130 TI1-SN75ALS130 Datasheet
150Kb / 9P
QUADRUPLE LINE DRIVER
SN75439NE TI-SN75439NE Datasheet
140Kb / 9P
QUADRUPLE PERIPHERAL DRIVER
SN75130 TI1-SN75130_11 Datasheet
271Kb / 11P
QUADRUPLE LINE DRIVER
SN75374 TI1-SN75374_14 Datasheet
533Kb / 19P
QUADRUPLE MOSFET DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com