Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75468 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN75468
Description  DARLINGTON TRANSISTOR ARRAYS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75468 Datasheet(HTML) 1 Page - Texas Instruments

  SN75468 Datasheet HTML 1Page - Texas Instruments SN75468 Datasheet HTML 2Page - Texas Instruments SN75468 Datasheet HTML 3Page - Texas Instruments SN75468 Datasheet HTML 4Page - Texas Instruments SN75468 Datasheet HTML 5Page - Texas Instruments SN75468 Datasheet HTML 6Page - Texas Instruments SN75468 Datasheet HTML 7Page - Texas Instruments SN75468 Datasheet HTML 8Page - Texas Instruments SN75468 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SN75468, SN75469
DARLINGTON TRANSISTOR ARRAYS
SLRS023B – DECEMBER 1976 – REVISED SEPTEMBER 1995
Copyright
© 1995, Texas Instruments Incorporated
3–1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
• 500-mA Rated Collector Current (Single
Output)
• High-Voltage Outputs . . . 100 V
• Output Clamp Diodes
• Inputs Compatible With Various Types of
Logic
• Relay Driver Applications
• Higher-Voltage Versions of ULN2003A and
ULN2004A, for Commercial Temperature
Range
description
The SN75468 and SN75469 are monolithic high-voltage, high-current Darlington transistor arrays. Each
consists of seven npn Darlington pairs that feature high-voltage outputs with common-cathode clamp diodes
for switching inductive loads. The collector-current rating of each Darlington pair is 500 mA. The Darlington pairs
may be paralleled for higher current capability. Applications include relay drivers, hammer drivers, lamp drivers,
display drivers (LED and gas discharge), line drivers, and logic buffers.
The SN75468 has a 2700-
Ω series base resistor for each Darlington pair for operation directly with TTL or 5-V
CMOS. The SN75469 has a 10.5-k
Ω series base resistor to allow its operation directly with CMOS or PMOS
that use supply voltages of 6 to 15 V. The required input current is below that of the SN75468.
logic symbol†
logic diagram
7B
6B
5B
4B
3B
2B
1B
7C
6C
5C
4C
3C
2C
1C
COM
7
6
5
4
3
2
1
10
11
12
13
14
15
16
9
7C
6C
5C
4C
3C
2C
1C
COM
7
6
5
4
3
2
1
7B
6B
5B
4B
3B
2B
1B
10
11
12
13
14
15
16
9
CLAMP
† This symbol is in accordance with ANSI/IEEE
Std91-1984 and IEC publication 617-12.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1B
2B
3B
4B
5B
6B
7B
E
1C
2C
3C
4C
5C
6C
7C
COM
(TOP VIEW)
D OR N PACKAGE
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN75468

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75468 TI-SN75468 Datasheet
433Kb / 8P
DARLINGTON TRANSISTOR ARRAYS
SN75468 TI2-SN75468 Datasheet
1Mb / 27P
SN7546x Darlington Transistor Arrays
REVISED JANUARY 2015
SN75468D TI-SN75468D Datasheet
938Kb / 18P
DARLINGTON TRANSISTOR ARRAYS
SN75468D TI2-SN75468D Datasheet
1Mb / 27P
SN7546x Darlington Transistor Arrays
REVISED JANUARY 2015
SN75468D.A TI2-SN75468D.A Datasheet
1Mb / 27P
SN7546x Darlington Transistor Arrays
REVISED JANUARY 2015
More results

Similar Description - SN75468

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L601-L603 STMICROELECTRONICS-L601-L603 Datasheet
59Kb / 5P
DARLINGTON ARRAYS
Oct-1991
ULN2003A STMICROELECTRONICS-ULN2003A Datasheet
326Kb / 8P
SEVEN DARLINGTON ARRAYS
Feb-2002
ULQ2801A STMICROELECTRONICS-ULQ2801A Datasheet
140Kb / 8P
EIGHT DARLINGTON ARRAYS
Apr-1993
logo
Unisonic Technologies
UTCULN2003 UTC-UTCULN2003 Datasheet
485Kb / 7P
SEVEN DARLINGTON ARRAYS
logo
STMicroelectronics
ULQ2001 STMICROELECTRONICS-ULQ2001 Datasheet
300Kb / 7P
SEVEN DARLINGTON ARRAYS
Feb-2002
logo
Texas Instruments
ULN2003ADR TI-ULN2003ADR Datasheet
164Kb / 9P
DARLINGTON TRANSISTOR ARRAYS
SN75466 TI-SN75466 Datasheet
433Kb / 8P
DARLINGTON TRANSISTOR ARRAYS
logo
STMicroelectronics
L603 STMICROELECTRONICS-L603 Datasheet
63Kb / 4P
DARLINGTON ARRAYS
Sep-2003
logo
Unisonic Technologies
ULN2803 UTC-ULN2803_11 Datasheet
208Kb / 6P
EIGHT DARLINGTON ARRAYS
logo
Texas Instruments
SN75469NE4 TI-SN75469NE4 Datasheet
938Kb / 18P
DARLINGTON TRANSISTOR ARRAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com