Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75471 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN75471
Description  DUAL PERIPHERAL DRIVERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75471 Datasheet(HTML) 1 Page - Texas Instruments

  SN75471 Datasheet HTML 1Page - Texas Instruments SN75471 Datasheet HTML 2Page - Texas Instruments SN75471 Datasheet HTML 3Page - Texas Instruments SN75471 Datasheet HTML 4Page - Texas Instruments SN75471 Datasheet HTML 5Page - Texas Instruments SN75471 Datasheet HTML 6Page - Texas Instruments SN75471 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SN75471 THRU SN75473
DUAL PERIPHERAL DRIVERS
SLRS024 – DECEMBER 1976 – REVISED MAY 1990
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PERIPHERAL DRIVERS FOR
HIGH-VOLTAGE HIGH-CURRENT DRIVER
APPLICATIONS
D Characterized for Use to 300 mA
D High-Voltage Outputs
D No Output Latch-Up at 55 V (After
Conducting 300 mA)
D Medium-Speed Switching
D Circuit Flexibility for Varied Applications
and Choice of Logic Function
D TTL-Compatible Diode-Clamped Inputs
D Standard Supply Voltages
D Plastic DIP (P) With Copper Lead Frame
Provides Cooler Operation and Improved
Reliability
description
Series SN75471 dual peripheral drivers are functionally interchangeable with series SN75451B and series
SN75461 peripheral drivers, but are designed for use in systems that require higher breakdown voltages than
either of those series can provide at the expense of slightly slower switching speeds than series 75451B (limits
are the same as series SN75461). Typical applications include high-speed logic buffers, power drivers, relay
drivers, lamp drivers, MOS drivers, line drivers, and memory drivers.
The SN75471, SN75472, and SN75473 are dual peripheral AND, NAND, and OR drivers, respectively,
(assuming positive logic), with the output of the logic gates internally connected to the bases of the npn output
transistors.
Series SN75471 drivers are characterized for operation from 0
°C to 70°C.
Copyright
© 1990, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
8
7
6
5
1A
1B
1Y
GND
VCC
2B
2A
2Y
D OR P PACKAGE
(TOP VIEW)
DEVICE
PACKAGES
LOGIC OF
COMPLETE CIRCUIT
AND
NAND
OR
D, P
D, P
D, P
SUMMARY OF SERIES SN75471
SN75471
SN75472
SN75473


Similar Part No. - SN75471

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75471 TI1-SN75471 Datasheet
832Kb / 14P
DUAL PERIPHERAL DRIVERS
SN75471 TI2-SN75471 Datasheet
498Kb / 16P
DUAL PERIPHERAL DRIVERS
REVISED MAY 1990
SN75471D TI1-SN75471D Datasheet
832Kb / 14P
DUAL PERIPHERAL DRIVERS
SN75471D TI2-SN75471D Datasheet
498Kb / 16P
DUAL PERIPHERAL DRIVERS
REVISED MAY 1990
SN75471D.A TI2-SN75471D.A Datasheet
498Kb / 16P
DUAL PERIPHERAL DRIVERS
REVISED MAY 1990
More results

Similar Description - SN75471

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55461 TI-SN55461 Datasheet
301Kb / 13P
DUAL PERIPHERAL DRIVERS
SNJ55451BJG TI-SNJ55451BJG Datasheet
150Kb / 9P
DUAL PERIPHERAL DRIVERS
SN75446 TI-SN75446 Datasheet
98Kb / 7P
DUAL PERIPHERAL DRIVERS
SN55451B TI-SN55451B_07 Datasheet
527Kb / 20P
DUAL PERIPHERAL DRIVERS
SN55451B TI-SN55451B_08 Datasheet
557Kb / 20P
DUAL PERIPHERAL DRIVERS
SN75477DR TI-SN75477DR Datasheet
440Kb / 14P
DUAL PERIPHERAL DRIVERS
SN75462DG4 TI-SN75462DG4 Datasheet
517Kb / 16P
DUAL PERIPHERAL DRIVERS
SN75446 TI1-SN75446_08 Datasheet
115Kb / 7P
DUAL PERIPHERAL DRIVERS
SN75476 TI1-SN75476_14 Datasheet
449Kb / 14P
DUAL PERIPHERAL DRIVERS
SN55461 TI1-SN55461_14 Datasheet
539Kb / 17P
DUAL PERIPHERAL DRIVERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com