Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS4 Datasheet(PDF) 1 Page - Motorola, Inc

Part # BAS4
Description  CASE 318-08, STYLE 8 SOT-23 TO-236AB
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BAS4 Datasheet(HTML) 1 Page - Motorola, Inc

  BAS4 Datasheet HTML 1Page - Motorola, Inc BAS4 Datasheet HTML 2Page - Motorola, Inc BAS4 Datasheet HTML 3Page - Motorola, Inc BAS4 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Schottky Barrier Diodes
These Schottky barrier diodes are designed for high speed switching applications,
circuit protection, and voltage clamping. Extremely low forward voltage reduces
conduction loss. Miniature surface mount package is excellent for hand held and
portable applications where space is limited.
MAXIMUM RATINGS (TJ = 150°C unless otherwise noted)
Rating
Symbol
Value
Unit
Reverse Voltage
VR
40
Volts
Forward Power Dissipation
@ TA = 25°C
Derate above 25
°C
PF
225
1.8
mW
mW/
°C
Operating Junction and Storage Temperature Range
TJ, Tstg
– 55 to +150
°C
DEVICE MARKING
BAS40LT1 = B1
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
Reverse Breakdown Voltage
(IR = 10 µA)
V(BR)R
40
—
Volts
Total Capacitance
(VR = 1.0 V, f = 1.0 MHz)
CT
—
5.0
pF
Reverse Leakage
(VR = 25 V)
IR
—
1.0
µAdc
Forward Voltage
(IF = 0.1 mAdc)
VF
—
380
mVdc
Forward Voltage
(IF = 30 mAdc)
VF
—
500
mVdc
Forward Voltage
(IF = 100 mAdc)
VF
—
1.0
Vdc
Preferred devices are Motorola recommended choices for future use and best overall value.
Thermal Clad is a registered trademark of the Bergquist Company.
Order this document
by BAS40LT1/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
BAS40LT1
Motorola Preferred Device
CASE 318 – 08, STYLE 8
SOT– 23 (TO – 236AB)
1
2
3
40 VOLTS
SCHOTTKY BARRIER DIODES
© Motorola, Inc. 1997
3
CATHODE
1
ANODE
REV 1


Similar Part No. - BAS4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS4 PHILIPS-BAS4 Datasheet
49Kb / 8P
Low-leakage diode
1999 May 28
logo
General Semiconductor
BAS4 GE-BAS4 Datasheet
51Kb / 2P
Schottky Diodes
logo
Microsemi Corporation
BAS4 MICROSEMI-BAS4 Datasheet
122Kb / 2P
SCHOTTKY array??SERIES
logo
Infineon Technologies A...
BAS4 INFINEON-BAS4 Datasheet
506Kb / 8P
Silicon Schottky Diode
Jan-16-200
logo
NXP Semiconductors
BAS40 PHILIPS-BAS40 Datasheet
58Kb / 8P
Schottky barrier double diodes
1999 Apr 28
More results

Similar Description - BAS4

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N7002LT1 MOTOROLA-2N7002LT1 Datasheet
94Kb / 6P
CASE 318-08, STYLE 21 SOT-23 (TO-236AB)
BAL99LT1 MOTOROLA-BAL99LT1 Datasheet
70Kb / 4P
CASE 318-08, STYLE 18 SOT-23 (TO-236AB)
BAS21LT1 MOTOROLA-BAS21LT1 Datasheet
66Kb / 4P
CASE 318 08, STYLE 8 SOT 23 (TO 236AB)
BAS4004LT1 MOTOROLA-BAS4004LT1 Datasheet
75Kb / 4P
CASE 318 08, STYLE 12 SOT 23 (TO 236AB)
BAS4006LT1 MOTOROLA-BAS4006LT1 Datasheet
76Kb / 4P
CASE 318-08, STYLE 11 SOT-23 (TO-236AB)
BAS7004LT1 MOTOROLA-BAS7004LT1 Datasheet
74Kb / 4P
CASE 318-08, STYLE 12 SOT-23 TO-236AB
BAS70LT1 MOTOROLA-BAS70LT1 Datasheet
72Kb / 4P
CASE 318 08, STYLE 8 SOT 23 (TO 236AB)
BAV70LT1 MOTOROLA-BAV70LT1 Datasheet
81Kb / 4P
CASE 318-08, STYLE 9 SOT-23 (TO-236AB)
BC846ALT1 MOTOROLA-BC846ALT1 Datasheet
220Kb / 6P
CASE 318-08, STYLE 6 SOT-23 (TO-236AB)
BC856ALT1 MOTOROLA-BC856ALT1 Datasheet
249Kb / 8P
CASE 318-08, STYLE 6 SOT-23 (TO-236AB)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com