Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTMC1210F-R22J Datasheet(PDF) 1 Page - Central Technologies

Part # CTMC1210F-R22J
Description  Wire-wound Chip Inductors - Molded ctparts.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTMC1210F-R22J Datasheet(HTML) 1 Page - Central Technologies

  CTMC1210F-R22J Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Wire-wound Chip Inductors - Molded
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2007 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
05.31.07
Size
A
B
C
D
E
F
mm
3.2±0.3
2.5±0.2
2.2±0.2
1.0±0.4
2.9±0.2
0.6
inches
.13±0.012
.10±0.008
.09±0.008
.04±0.016
.11±0.008
.02
PHYSICAL DIMENSIONS
L Test
Q
Q Test
SRF
DCR
Rated
Part
Inductance
Freq.
Fact.
Freq.
Min.
Max.
DC
Number
(µH)
(MHz)
Min.
(MHz)
(MHz)
(
Ω
Ω)
(mA)
CTMC1210_-R010_
.010
100
15
100
2500
.13
450
CTMC1210_-R012_
.012
100
17
100
2300
.14
450
CTMC1210_-R015_
.015
100
19
100
2100
.16
450
CTMC1210_-R018_
.018
100
21
100
1900
.18
450
CTMC1210_-R022_
.022
100
23
100
1700
.20
450
CTMC1210_-R027_
.027
100
23
100
1500
.22
450
CTMC1210_-R033_
.033
100
25
100
1400
.24
450
CTMC1210_-R039_
.039
100
25
100
1300
.27
450
CTMC1210_-R047_
.047
100
26
100
1200
.30
450
CTMC1210_-R056_
.056
100
26
100
1100
.33
450
CTMC1210_-R068_
.068
100
27
100
1000
.36
450
CTMC1210_-R082_
.082
100
27
100
900
.40
450
CTMC1210_-R10_
.10
100
28
100
700
.44
450
CTMC1210_-R12_
.12
25.2
30
25.2
500
.22
450
CTMC1210_-R15_
.15
25.2
30
25.2
450
.25
450
CTMC1210_-R18_
.18
25.2
30
25.2
400
.28
450
CTMC1210_-R22_
.22
25.2
30
25.2
350
.32
450
CTMC1210_-R27_
.27
25.2
30
25.2
320
.36
450
CTMC1210_-R33_
.33
25.2
30
25.2
300
.40
450
CTMC1210_-R39_
.39
25.2
30
25.2
250
.45
450
CTMC1210_-R47_
.47
25.2
30
25.2
220
.50
450
CTMC1210_-R56_
.56
25.2
30
25.2
180
.55
450
CTMC1210_-R68_
.68
25.2
30
25.2
160
.60
450
CTMC1210_-R82_
.82
25.2
30
25.2
140
.65
450
CTMC1210_-1R0_
1.0
7.96
30
7.96
120
.70
400
CTMC1210_-1R2_
1.2
7.96
30
7.96
100
.75
390
CTMC1210_-1R5_
1.5
7.96
30
7.96
85
.85
370
CTMC1210_-1R8_
1.8
7.96
30
7.96
80
.90
350
CTMC1210_-2R2_
2.2
7.96
30
7.96
75
1.0
320
CTMC1210_-2R7_
2.7
7.96
30
7.96
70
1.1
290
CTMC1210_-3R3_
3.3
7.96
30
7.96
60
1.2
260
CTMC1210_-3R9_
3.9
7.96
30
7.96
55
1.3
250
CTMC1210_-4R7_
4.7
7.96
30
7.96
50
1.5
220
CTMC1210_-5R6_
5.6
7.96
30
7.96
47
1.6
200
CTMC1210_-6R8_
6.8
7.96
30
7.96
43
1.8
180
CTMC1210_-8R2_
8.2
7.96
30
7.96
40
2.0
170
CTMC1210_-100_
10
2.52
30
2.52
36
2.1
150
CTMC1210_-120_
12
2.52
30
2.52
33
2.5
140
CTMC1210_-150_
15
2.52
30
2.52
30
2.8
130
CTMC1210_-180_
18
2.52
30
2.52
27
3.3
120
CTMC1210_-220_
22
2.52
30
2.52
25
3.7
110
CTMC1210_-270_
27
2.52
30
2.52
20
5.0
80
CTMC1210_-330_
33
2.52
30
2.52
17
5.6
70
CTMC1210_-390_
39
2.52
30
2.52
16
6.4
65
CTMC1210_-470_
47
2.52
30
2.52
15
7.0
60
CTMC1210_-560_
56
2.52
30
2.52
13
8.0
55
CTMC1210_-680_
68
2.52
30
2.52
12
9.0
50
CTMC1210_-820_
82
2.52
30
2.52
11
10
45
CTMC1210_-101_
100
.796
20
.796
10
10
40
CTMC1210_-121_
120
.796
20
.796
10
11
70
CTMC1210_-151_
150
.796
20
.796
8.0
15
65
CTMC1210_-181_
180
.796
20
.796
7.0
17
60
CTMC1210_-221_
220
.796
20
.796
7.0
21
50
CTMC1210_-271_
270
.796
20
.796
6.0
28
45
CTMC1210_-331_
330
.796
20
.796
5.0
34
40
CTMC1210 Series
From .01 µH to 330 µH
Not shown at actual size.
CHARACTERISTICS
Description: Ferrite core, wire-wound molded chip inductor
Applications: TVs, VCRs, disk drives, computer peripherals,
telecommunication devices and electronic control boards
for automobiles
Operating Temperature: -40°C to +100°C
Inductance Tolerance: ±5%, ±10% & ±20%
Testing: Inductance and Q are tested on a HP4285A or a
HP4286A at a specified frequency
Packaging: Tape & Reel
Part Marking: Inductance code or inductance code plus
tolerance.
Miscellaneous: RoHS Compliant available.
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
ENGINEERING KIT # 12F
SPECIFICATIONS
Please specify tolerance code when ordering.
CTMC1210-R010_
J = ±5%, K = ±10%, M = ±20%
CTMC1210F Please specify “F” for Lead Free


Similar Part No. - CTMC1210F-R22J

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTMC1210F CT-CTMC1210F Datasheet
89Kb / 1P
Wire-wound Chip Inductors - Molded
More results

Similar Description - CTMC1210F-R22J

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AISM-1812 ABRACON-AISM-1812 Datasheet
57Kb / 1P
WIRE WOUND MOLDED CHIP INDUCTORS
logo
Central Technologies
CT0805PSF CT-CT0805PSF Datasheet
498Kb / 1P
SMD Shielded Wire-wound Chip Inductors ctparts
CTHC1812 CT-CTHC1812 Datasheet
195Kb / 1P
Wire-wound Chip Inductors - Molded
CTHC2220F CT-CTHC2220F Datasheet
203Kb / 1P
Wire-wound Chip Inductors- Molded
CTMC1812 CT-CTMC1812 Datasheet
192Kb / 1P
Wire-wound Chip Inductors - Molded
CTMC1812F CT-CTMC1812F Datasheet
166Kb / 1P
Wire-wound Chip Inductors - Molded
CTMC2220F CT-CTMC2220F Datasheet
204Kb / 1P
Wire-wound Chip Inductors - Molded
CTNLV32F CT-CTNLV32F Datasheet
206Kb / 1P
Wire-wound Chip Inductors - Molded
CTMC1210F CT-CTMC1210F Datasheet
89Kb / 1P
Wire-wound Chip Inductors - Molded
CTHC1812F CT-CTHC1812F Datasheet
275Kb / 1P
Wire-wound Chip Inductors - Molded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com