Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTMCA1105-R92 Datasheet(PDF) 1 Page - Central Technologies

Part # CTMCA1105-R92
Description  Multi-layer Chip Antennas
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTMCA1105-R92 Datasheet(HTML) 1 Page - Central Technologies

  CTMCA1105-R92 Datasheet HTML 1Page - Central Technologies CTMCA1105-R92 Datasheet HTML 2Page - Central Technologies CTMCA1105-R92 Datasheet HTML 3Page - Central Technologies CTMCA1105-R92 Datasheet HTML 4Page - Central Technologies CTMCA1105-R92 Datasheet HTML 5Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Multi-layer Chip Antennas
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2005 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
02.08.05
SPECIFICATIONS
Frequency
Part
Range
Peak Gain
Average Gain
Return
Impedance
Number
(MHz)
(XZ-V)
(XZ-V)
Loss
(
Ω)
CTMCA1105-R92
880~960
-0.7 dBi typ.
-2.9 dBi typ.
8.5 dB min.
50
CTMCA1105 Series
Not shown at actual size.
CHARACTERISTICS
Description: Multi-layer Chip Antenna
Features: Monolithic SMD type. Wide bandwidth
Applications: WLAN, Home RF, Bluetooth Modules, etc.
Operating Temperature: -40°C to +85°C
Input Power: 5W Max.
Packaging: Tape & Reel
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
A
B
D
E
F
C
4
No.
1
2
3
4
5
6
7
8
Function
NC
Feed Point
NC
NC
NC
NC
NC
NC
1
2
3
8
7
6
5
Size
A
B
C
D
E
F
mm
11.0±0.30
5.10±0.30
1.50±0.20
0.50±0.30
0.50±0.30
1.00±0.20
inches
0.433±0.012 0.201±0.012
0.059±0.008
0.020±0.012 0.020±0.012
0.039±0.008
PHYSICAL DIMENSIONS
TERMINAL CONFIGURATION


Similar Part No. - CTMCA1105-R92

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTMCA3216 CT-CTMCA3216 Datasheet
316Kb / 5P
Multi-layer Chip Antennas
CTMCA3216-2R4 CT-CTMCA3216-2R4 Datasheet
316Kb / 5P
Multi-layer Chip Antennas
CTMCA3216-4R9 CT-CTMCA3216-4R9 Datasheet
316Kb / 5P
Multi-layer Chip Antennas
CTMCA5020 CT-CTMCA5020 Datasheet
420Kb / 3P
Multi-layer Chip Antennas
CTMCA5020-2R4 CT-CTMCA5020-2R4 Datasheet
420Kb / 3P
Multi-layer Chip Antennas
More results

Similar Description - CTMCA1105-R92

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCBF-P CT-CTCBF-P Datasheet
435Kb / 2P
Chip Beads - Multi-layer
CTMCA3216 CT-CTMCA3216 Datasheet
316Kb / 5P
Multi-layer Chip Antennas
CTMCA5020 CT-CTMCA5020 Datasheet
420Kb / 3P
Multi-layer Chip Antennas
CTMCA9520 CT-CTMCA9520 Datasheet
310Kb / 3P
Multi-layer Chip Antennas
logo
Fair-Rite Products Corp...
2504026017Y0 FAIR-RITE-2504026017Y0 Datasheet
293Kb / 3P
MULTI-LAYER CHIP BEAD
2506030707H0 FAIR-RITE-2506030707H0 Datasheet
277Kb / 3P
MULTI-LAYER CHIP BEAD
2508051017Y0 FAIR-RITE-2508051017Y0 Datasheet
290Kb / 3P
MULTI-LAYER CHIP BEAD
2508059007Y0 FAIR-RITE-2508059007Y0 Datasheet
294Kb / 3P
MULTI-LAYER CHIP BEAD
2512061527Y0 FAIR-RITE-2512061527Y0 Datasheet
301Kb / 3P
MULTI-LAYER CHIP BEAD
logo
Central Technologies
CTMCA5020F CT-CTMCA5020F Datasheet
593Kb / 3P
Multi-layer Chip Antennas
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com