Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTMCA1105-R92 Datasheet(PDF) 2 Page - Central Technologies

Part # CTMCA1105-R92
Description  Multi-layer Chip Antennas
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTMCA1105-R92 Datasheet(HTML) 2 Page - Central Technologies

  CTMCA1105-R92 Datasheet HTML 1Page - Central Technologies CTMCA1105-R92 Datasheet HTML 2Page - Central Technologies CTMCA1105-R92 Datasheet HTML 3Page - Central Technologies CTMCA1105-R92 Datasheet HTML 4Page - Central Technologies CTMCA1105-R92 Datasheet HTML 5Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Mounting Considerations
Mount these devices with brown mark facing up. Units: mm
Line width should be designed to provide 50
Ω impedance matching characteristics.
a) Without Matching Circuits
b) With Matching Circuits
0 Ohm
4.5 mm
9.6 mm
0. 6mm
1.3 mm
0.8 mm
1.5 mm
12.6 mm
5.5 mm
0.7 mm
1 mm
3.9 pF
3.9 pF
10 nH
Via
0.7 mm
0.7 mm
CTMCA1105-R92
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2005 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
Multi-layer Chip Antennas
02.08.05



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com