Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTMC1812F-R82M Datasheet(PDF) 1 Page - Central Technologies

Part # CTMC1812F-R82M
Description  Wire-wound Chip Inductors - Molded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTMC1812F-R82M Datasheet(HTML) 1 Page - Central Technologies

  CTMC1812F-R82M Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Wire-wound Chip Inductors - Molded
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2008 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
07.08.08
Size
A
B
C
D
E
F
mm
4.5±0.3
3.2±0.2
3.2±0.2
1.2
4.2±0.2
1
inches
0.18±0.012
0.13±0.008
0.13±0.008
0.047
0.17±0.008
0.04
PHYSICAL DIMENSIONS
SPECIFICATIONS
Please specify tolerance code when ordering.
CTMC1812F-R10_
J = ±5%, K = ±10%, M = ±20%
L Test
Q
Q Test
SRF
DCR
Rated
Part
Inductance
Freq.
Factor
Freq.
Min.
Max.
DC
Number
(µH)
(MHz)
Min.
(MHz)
(MHz)
(
Ω
Ω)
(mA)
CTMC1812F-R10_
.10
25.2
35
25.2
300
.18
800
CTMC1812F-R12_
.12
25.2
35
25.2
280
.20
770
CTMC1812F-R15_
.15
25.2
35
25.2
250
.22
730
CTMC1812F-R18_
.18
25.2
35
25.2
220
.24
700
CTMC1812F-R22_
.22
25.2
40
25.2
200
.25
665
CTMC1812F-R27_
.27
25.2
40
25.2
180
.26
635
CTMC1812F-R33_
.33
25.2
40
25.2
165
.28
605
CTMC1812F-R39_
.39
25.2
40
25.2
150
.30
575
CTMC1812F-R47_
.47
25.2
40
25.2
145
.32
545
CTMC1812F-R56_
.56
25.2
40
25.2
140
.36
520
CTMC1812F-R68_
.68
25.2
40
25.2
135
.40
500
CTMC1812F-R82_
.82
25.2
40
25.2
130
.45
475
CTMC1812F-1R0_
1.0
7.96
50
7.96
100
.50
450
CTMC1812F-1R2_
1.2
7.96
50
7.96
80
.55
430
CTMC1812F-1R5_
1.5
7.96
50
7.96
70
.60
410
CTMC1812F-1R8_
1.8
7.96
50
7.96
60
.65
390
CTMC1812F-2R2_
2.2
7.96
50
7.96
55
.70
380
CTMC1812F-2R7_
2.7
7.96
50
7.96
50
.75
370
CTMC1812F-3R3_
3.3
7.96
50
7.96
45
.80
355
CTMC1812F-3R9_
3.9
7.96
50
7.96
40
.90
330
CTMC1812F-4R7_
4.7
7.96
50
7.96
35
1.0
315
CTMC1812F-5R6_
5.6
7.96
50
7.96
33
1.1
300
CTMC1812F-6R8_
6.8
7.96
50
7.96
27
1.2
285
CTMC1812F-8R2_
8.2
7.96
50
7.96
25
1.4
270
CTMC1812F-100_
10
2.52
50
2.52
20
1.6
250
CTMC1812F-120_
12
2.52
50
2.52
18
2.0
225
CTMC1812F-150_
15
2.52
50
2.52
17
2.5
200
CTMC1812F-180_
18
2.52
50
2.52
15
2.8
190
CTMC1812F-220_
22
2.52
50
2.52
13
3.2
180
CTMC1812F-270_
27
2.52
50
2.52
12
3.6
170
CTMC1812F-330_
33
2.52
50
2.52
11
4.0
160
CTMC1812F-390_
39
2.52
50
2.52
10
4.5
150
CTMC1812F-470_
47
2.52
50
2.52
10
5.0
140
CTMC1812F-560_
56
2.52
50
2.52
9.0
5.5
135
CTMC1812F-680_
68
2.52
50
2.52
9.0
6.0
130
CTMC1812F-820_
82
2.52
50
2.52
8.0
7.0
120
CTMC1812F-101_
100
.796
40
.796
8.0
8.0
110
CTMC1812F-121_
120
.796
40
.796
6.0
8.0
110
CTMC1812F-151_
150
.796
40
.796
5.0
9.0
105
CTMC1812F-181_
180
.796
40
.796
5.0
9.5
102
CTMC1812F-221_
220
.796
40
.796
4.0
10
100
CTMC1812F-271_
270
.796
40
.796
4.0
12
92
CTMC1812F-331_
330
.796
40
.796
3.5
14
85
CTMC1812F-391_
390
.796
40
.796
3.0
18
80
CTMC1812F-471_
470
.796
40
.796
3.0
26
62
CTMC1812F-561_
560
.796
30
.796
3.0
30
50
CTMC1812F-681_
680
.796
30
.796
3.0
30
50
CTMC1812F-821_
820
.796
30
.796
2.5
35
30
CTMC1812F-102_
1000
.252
25
.252
2.5
40
30
CTMC1812F Series
From .10 µH to 1,000 µH
Not shown at actual size.
CHARACTERISTICS
Description: Ferrite core, wire-wound molded chip inductor
Applications: TV’s, VCR’s, disk drives, computer peripherals,
telecommunication devices and electronic control boards
for automobiles
Operating Temperature: -40°C to +100°C
Inductance Tolerance: ±5%, ±10% & ±20%
Testing: Inductance and Q are tested on an HP4285A at
specified frequency
Packaging: Tape & Reel
Part Marking: Inductance code or inductance code plus
tolerance.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
ENGINEERING KIT #12
RoHS
Compliant


Similar Part No. - CTMC1812F-R82M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTMC1812F-R82M CT-CTMC1812F-R82M Datasheet
192Kb / 1P
Wire-wound Chip Inductors - Molded
More results

Similar Description - CTMC1812F-R82M

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AISM-1210 ABRACON-AISM-1210 Datasheet
61Kb / 1P
WIRE WOUND MOLDED CHIP INDUCTORS
AISM-1812 ABRACON-AISM-1812 Datasheet
57Kb / 1P
WIRE WOUND MOLDED CHIP INDUCTORS
logo
Central Technologies
CTHC1812 CT-CTHC1812 Datasheet
195Kb / 1P
Wire-wound Chip Inductors - Molded
CTHC2220F CT-CTHC2220F Datasheet
203Kb / 1P
Wire-wound Chip Inductors- Molded
CTMC1210HF CT-CTMC1210HF Datasheet
176Kb / 1P
Wire-wound Chip Inductors - Molded
CTMC1812 CT-CTMC1812 Datasheet
192Kb / 1P
Wire-wound Chip Inductors - Molded
CTMC2220F CT-CTMC2220F Datasheet
204Kb / 1P
Wire-wound Chip Inductors - Molded
CTNLV32F CT-CTNLV32F Datasheet
206Kb / 1P
Wire-wound Chip Inductors - Molded
CTMC1210F CT-CTMC1210F Datasheet
89Kb / 1P
Wire-wound Chip Inductors - Molded
CTHC1812F CT-CTHC1812F Datasheet
275Kb / 1P
Wire-wound Chip Inductors - Molded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com