Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75LBC971ADL Datasheet(PDF) 13 Page - Texas Instruments

Part # SN75LBC971ADL
Description  SCSI DIFFERENTIAL CONVERTER-DATA
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC971ADL Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN75LBC971ADL Datasheet HTML 6Page - Texas Instruments SN75LBC971ADL Datasheet HTML 7Page - Texas Instruments SN75LBC971ADL Datasheet HTML 8Page - Texas Instruments SN75LBC971ADL Datasheet HTML 9Page - Texas Instruments SN75LBC971ADL Datasheet HTML 10Page - Texas Instruments SN75LBC971ADL Datasheet HTML 11Page - Texas Instruments SN75LBC971ADL Datasheet HTML 12Page - Texas Instruments SN75LBC971ADL Datasheet HTML 13Page - Texas Instruments SN75LBC971ADL Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
SN75LBC971A
SCSI DIFFERENTIAL CONVERTER-DATA
SLLS186B – OCTOBER 1994 – REVISED JULY 1997
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MECHANICAL INFORMATION
DL (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
4040048 / C 03/97
48 PIN SHOWN
56
0.730
(18,54)
0.720
(18,29)
48
28
0.370
(9,40)
(9,65)
0.380
Gage Plane
DIM
0.420 (10,67)
0.395 (10,03)
A MIN
A MAX
0.006 (0,15) NOM
PINS **
0.630
(16,00)
(15,75)
0.620
0.010 (0,25)
Seating Plane
0.020 (0,51)
0.040 (1,02)
25
24
0.008 (0,203)
0.012 (0,305)
48
1
0.008 (0,20) MIN
A
0.110 (2,79) MAX
0.299 (7,59)
0.291 (7,39)
0.004 (0,10)
M
0.005 (0,13)
0.025 (0,635)
0
°–8°
NOTES: E. All linear dimensions are in inches (millimeters).
F. This drawing is subject to change without notice.
G. Body dimensions do not include mold flash or protrusion not to exceed 0.006 (0,15).
H. Falls within JEDEC MO-118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com