Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75LBC971ADL Datasheet(PDF) 2 Page - Texas Instruments

Part # SN75LBC971ADL
Description  SCSI DIFFERENTIAL CONVERTER-DATA
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC971ADL Datasheet(HTML) 2 Page - Texas Instruments

  SN75LBC971ADL Datasheet HTML 1Page - Texas Instruments SN75LBC971ADL Datasheet HTML 2Page - Texas Instruments SN75LBC971ADL Datasheet HTML 3Page - Texas Instruments SN75LBC971ADL Datasheet HTML 4Page - Texas Instruments SN75LBC971ADL Datasheet HTML 5Page - Texas Instruments SN75LBC971ADL Datasheet HTML 6Page - Texas Instruments SN75LBC971ADL Datasheet HTML 7Page - Texas Instruments SN75LBC971ADL Datasheet HTML 8Page - Texas Instruments SN75LBC971ADL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SN75LBC971A
SCSI DIFFERENTIAL CONVERTER-DATA
SLLS186B – OCTOBER 1994 – REVISED JULY 1997
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
The SCSI, differential, converter-data chip operates in two modes depending on the state of the DRVBUS input.
With DRVBUS low, a bidirectional latch circuit sets the direction of data transfer. Each data bit has its own latch,
and each bit’s direction is independent of all other bits. When neither the single-ended nor the differential sides
are asserted, the latch disables both A- and B-side output drivers. When the input to either side is asserted, the
latch enables the opposite side’s driver and sets data flow from the asserted input to the opposite side of the
device. When the input deasserts, the latch maintains the direction until the receiver on the enabled driver
detects a deassertion. The latch then returns to the initial state. No parity checking is done by this device; the
parity signal passes through the device like other data signals do.
When DRVBUS is high, direction is determined by the SDB signal. However, a change in SDB does not always
immediately change the direction. When DRVBUS first asserts, the direction indicated by SDB is latched and
takes effect immediately. When SDB changes while DRVBUS is high, the drivers that were on immediately turn
off. However, the other driver set does not turn on until the receivers sense a deasserted state on all nine data
lines. This is done to prevent the active drivers from turning on until all other drivers are off and the terminators
pull the lines to a deasserted state.
The single-ended SCSI bus interface consists of CMOS, bidirectional inputs and outputs. The drivers are rated
to
±16 mA of output current. The receiver inputs are pulled high with approximately 4 mA to eliminate the need
for external pullup resistors for the open-drain outputs of most single-ended SCSI controllers. The single-ended
side of the device is not intended to drive the SCSI bus directly.
The differential SCSI bus interface consists of bipolar, bidirectional inputs and outputs that meet or exceed the
requirements of EIA-485 and ISO 8482-1982/TIA TR30.2 referenced by American National Standard of
Information Systems (ANSI) X3.131-1994 Small Computer System Interface-2 (SCSI-2).
The SN75LBC971A is characterized for operation over the temperature range of 0
°C to 70°C.
TERMINAL FUNCTION
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
ADBn–, where
n = {0,1,2,3,4,5,6,7,P}
4, 6, 8, 10, 19,
21, 23, 25, 27
I/O, Single-ended
SCSI voltage levels,
Strong pullup
Bidirectional I/O for data and parity bits to and from the single-ended SCSI
controller. As outputs, these terminals can source or sink 16 mA. As inputs,
they are pulled up with about 4-mA to eliminate external resistors.
BDBn+, where
n = {0,1,2,3,4,5,6,7,P}
29, 31, 33, 35,
37, 46, 48, 50, 52
I/O, RS-485,
Weak pulldown
Bidirectional I/O for data and parity to and from the differential SCSI bus.
BDBn–, where
n = {0,1,2,3,4,5,6,7,P}
30, 32, 34, 36,
38,47, 49, 51, 53
I/O, RS-485,
Weak pulldown
Bidirectional I/O for the complement of data and parity to and from the
differential SCSI bus.
DRVBUS
2
Input, TTL levels,
Weak pulldown
A high-level logic signal from the control transceiver enables either the
single-ended or differential drivers as directed by SDB.
DSENS
56
Input, TTL levels,
Weak pullup
A low-level input initializes the internal latches and disables all drivers.
RESET
55
Input, TTL levels,
Weak pullup
A low-level input initializes the internal latches and disables all drivers.
SDB
1
Input, TTL levels,
Weak pulldown
A high-level logic signal from the control transceiver sends data from the
differential bus to the single-ended bus. A low-level signal reverses the
flow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com