Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75LP196DB Datasheet(PDF) 6 Page - Texas Instruments

Part # SN75LP196DB
Description  LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LP196DB Datasheet(HTML) 6 Page - Texas Instruments

  SN75LP196DB Datasheet HTML 1Page - Texas Instruments SN75LP196DB Datasheet HTML 2Page - Texas Instruments SN75LP196DB Datasheet HTML 3Page - Texas Instruments SN75LP196DB Datasheet HTML 4Page - Texas Instruments SN75LP196DB Datasheet HTML 5Page - Texas Instruments SN75LP196DB Datasheet HTML 6Page - Texas Instruments SN75LP196DB Datasheet HTML 7Page - Texas Instruments SN75LP196DB Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SN75LP196
LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SLLS294A – APRIL 1998 – REVISED JUNE 1999
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
receiver switching characteristics over operating free-air temperature range, CL = 50 pF (unless
otherwise noted) (see Figure 4)
PARAMETER
MIN
TYP
MAX
UNIT
tPHL
Propagation delay time, high- to low-level output
400
900
ns
tPLH
Propagation delay time, low- to high-level output
400
900
ns
tTLH
Transition time, low- to high-level output
200
450
ns
tTHL
Transition time, high- to low-level output
200
400
ns
tsk(p)
Pulse skew |tPLH – tPHL|
200
425
ns
PARAMETER MEASUREMENT INFORMATION
IO
II
RL
CL
VI
VO
Inputs
Outputs
tPLH
tPHL
tTLH
tTHL
3 V
0 V
VOH
VOL
VI
VO
50%
50%
50%
50%
VTR+ VTR+
VTR–
VTR–
tw
NOTES: A. The pulse generator has the following characteristics:
For CL < 1000 pF: tw = 4 µs, PRR = 250 kbit/s, ZO = 50 Ω, tr = tf < 50 ns.
For CL = 2500 pF: tw = 8 µs, PRR = 125 kbit/s, ZO = 50 Ω, tr = tf < 50 ns.
B. CL includes probe and jig capacitance.
Figure 1. Driver Parameter Test Circuit and Waveform
IO
II
VI
VO
Inputs
Outputs
VDD
VCC
GND
VSS
Figure 2. Driver IOS Test
IO
II
VI
VO
Inputs
Outputs
Figure 3. Receiver VIT Test



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com