Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75LP196DB Datasheet(PDF) 1 Page - Texas Instruments

Part # SN75LP196DB
Description  LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LP196DB Datasheet(HTML) 1 Page - Texas Instruments

  SN75LP196DB Datasheet HTML 1Page - Texas Instruments SN75LP196DB Datasheet HTML 2Page - Texas Instruments SN75LP196DB Datasheet HTML 3Page - Texas Instruments SN75LP196DB Datasheet HTML 4Page - Texas Instruments SN75LP196DB Datasheet HTML 5Page - Texas Instruments SN75LP196DB Datasheet HTML 6Page - Texas Instruments SN75LP196DB Datasheet HTML 7Page - Texas Instruments SN75LP196DB Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SN75LP196
LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SLLS294A – APRIL 1998 – REVISED JUNE 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Single-Chip RS-232 Interface for an
External Modem or Other Computer
Peripheral Serial Port
D Designed to Transmit and Receive 4-µs
Pulses (Equivalent to 256 kbit/s)
D Wide Driver Supply-Voltage Range:
4.75 V to 15 V
D Driver Output Slew Rates Are Controlled
Internally to 30 V/
µs Maximum
D Receiver Input Hysteresis... 1000 mV
Typical
D RS-232 Bus-Pin ESD Protection Exceeds
15 kV Using Human-Body Model (HBM)
D Five Drivers and Three Receivers Meet or
Exceed the Requirements of TIA/EIA-232-F
and ITU v.28 Standards
D Complements the SN75LP1185
D Designed to Replace the Industry-Standard
SN75196 With the Same Flow-Through
Pinout
D Package Options Include Plastic Small
Outline (DW), Shrink Small-Outline (DB),
Thin Shrink Small-Outline (PW), and
Dual-in-Line (N) Packages
description
The SN75LP196 is a low-power bipolar device containing five drivers and three receivers, with 15 kV of ESD
protection on the bus pins with respect to each other. Bus pins are defined as those pins that tie directly to the
serial-port connector, including GND. The pinout matches the flow-through design of the industry-standard
SN75196 and allows easy interconnection of the UART and serial-port connector of the IBM PC/AT and
compatibles. This device provides a rugged, low-cost solution for this function with the combination of bipolar
processing and 15-kV ESD protection.
The SN75LP196 has internal slew-rate control to provide a maximum rate of change in the output signal of
30 V/
µs. The driver output swing is clamped nominally at ±6 V to enable the higher data rates associated with
this device and to reduce EMI emissions. Even though the driver outputs are clamped, they can handle voltages
up to
±15 V without damage. All the logic inputs can accept 3.3-V or 5-V input signals.
The SN75LP196 complies with the requirements of the TIA/EIA-232-F and the ITU v.28 standards. These
standards are for data interchange between a host computer and peripheral at signaling rates up to 20 kbit/s.
The switching speeds of the SN75LP196 support rates up to 256 kbit/s with lower capacitive loads (shorter
cables).
The SN75LP196 is characterized for operation from 0
°C to 70°C.
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PC/AT is a trademark of IBM Corporation.
DB, DW, N, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VCC
DA1
DA2
DA3
RY1
RY2
DA4
RY3
DA5
GND
VDD
DY1
DY2
DY3
RA1
RA2
DY4
RA3
DY5
VSS


Similar Part No. - SN75LP196DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LP1185 TI-SN75LP1185 Datasheet
117Kb / 8P
LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP1185 TI-SN75LP1185 Datasheet
316Kb / 13P
LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP1185 TI1-SN75LP1185 Datasheet
1Mb / 17P
LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP1185 TI2-SN75LP1185 Datasheet
698Kb / 19P
LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
REVISED JANUARY 2001
SN75LP1185DB TI-SN75LP1185DB Datasheet
117Kb / 8P
LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results

Similar Description - SN75LP196DB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST75185 STMICROELECTRONICS-ST75185 Datasheet
478Kb / 18P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
Dec-2002
ST75C185 STMICROELECTRONICS-ST75C185 Datasheet
111Kb / 13P
LOW POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
Jun-2000
logo
Texas Instruments
GD75323 TI-GD75323 Datasheet
158Kb / 11P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP1185 TI-SN75LP1185 Datasheet
117Kb / 8P
LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
STMicroelectronics
ST75185 STMICROELECTRONICS-ST75185_06 Datasheet
376Kb / 21P
Multiple RS-232 drivers and receivers
01-Jun-2006
logo
Unisonic Technologies
75232 UTC-75232 Datasheet
300Kb / 10P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
SN75185 TI-SN75185_06 Datasheet
357Kb / 19P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP1185 TI-SN75LP1185_06 Datasheet
316Kb / 13P
LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP185A TI1-SN75LP185A Datasheet
173Kb / 10P
LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP1185 TI1-SN75LP1185_16 Datasheet
1Mb / 17P
LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com