Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTS2F-R82J Datasheet(PDF) 1 Page - Central Technologies

Part # CTS2F-R82J
Description  Shielded Inductors - Axial
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTS2F-R82J Datasheet(HTML) 1 Page - Central Technologies

  CTS2F-R82J Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Shielded Inductors - Axial
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2005 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
12.22.05
Size
A
B
C
24 AWG
Typ.
mm
8.40 ± 0.25
3.30 ± 0.25
29.2
0.5110
inches
0.33 ± 0.01
0.13 ± 0.01
1.15
0.0201
PHYSICAL DIMENSIONS
SPECIFICATIONS
Please specify tolerance code when ordering.
CTS2F-R10_
J = ±5%, K = ±10%
L Test
Q
Q Test
SRF
DCR
Rated
Part
Inductance
Freq.
Factor
Freq.
Min.
Max.
DC
Number
(µH)
(MHz)
Min.
(MHz)
(MHz)
(
Ω
Ω)
(mA)
CTS2F-R10_
.10
25
42
25
500
.112
1720
CTS2F-R12_
.12
25
42
25
500
.126
1630
CTS2F-R15_
.15
25
42
25
500
.138
1550
CTS2F-R18_
.18
25
42
25
336
.165
1420
CTS2F-R22_
.22
25
42
25
331
.198
1330
CTS2F-R27_
.27
25
42
25
298
.220
1230
CTS2F-R33_
.33
25
42
25
288
.258
1140
CTS2F-R39_
.39
25
42
25
271
.292
1060
CTS2F-R47_
.47
25
41
25
247
.360
960
CTS2F-R56_
.56
25
39
25
236
.397
915
CTS2F-R68_
.68
25
36
25
216
.472
740
CTS2F-R82_
.82
25
35
25
200
.638
720
CTS2F-1R0_
1.0
25
42
25
136
.208
1260
CTS2F-1R2_
1.2
7.9
38
7.9
120
.225
1210
CTS2F-1R5_
1.5
7.9
38
7.9
111
.265
1120
CTS2F-1R8_
1.8
7.9
38
7.9
103
.280
1080
CTS2F-2R2_
2.2
7.9
36
7.9
94.0
.330
1000
CTS2F-2R7_
2.7
7.9
38
7.9
84.8
.381
935
CTS2F-3R3_
3.3
7.9
38
7.9
78.4
.432
875
CTS2F-3R9_
3.9
7.9
40
7.9
72.8
.576
755
CTS2F-4R7_
4.7
7.9
42
7.9
66.4
.787
650
CTS2F-5R6_
5.6
7.9
42
7.9
61.6
1.04
565
CTS2F-6R8_
6.8
7.9
45
7.9
54.6
1.40
485
CTS2F-8R2_
8.2
7.9
47
7.9
49.6
1.68
440
CTS2F-100_
10
7.9
51
7.9
44.0
2.58
355
CTS2F-120_
12
2.5
51
2.5
39.2
3.65
300
CTS2F-150_
15
2.5
45
2.5
44.0
.862
620
CTS2F-180_
18
2.5
43
2.5
40.0
1.02
570
CTS2F-220_
22
2.5
42
2.5
36.0
1.12
545
CTS2F-270_
27
2.5
37
2.5
32.8
1.28
510
CTS2F-330_
33
2.5
46
2.5
29.6
1.70
440
CTS2F-390_
39
2.5
38
2.5
26.4
1.99
405
CTS2F-470_
47
2.5
42
2.5
23.2
2.41
370
CTS2F-560_
56
2.5
41
2.5
21.6
2.85
340
CTS2F-680_
68
2.5
46
2.5
18.4
3.21
320
CTS2F-820_
82
2.5
46
2.5
16.8
2.57
305
CTS2F-101_
100
2.5
43
2.5
15.2
4.10
280
CTS2F-121_
120
.79
50
.79
14.4
5.97
235
CTS2F-151_
150
.79
49
.79
12.0
7.05
215
CTS2F-181_
180
.79
56
.79
11.2
8.12
200
CTS2F-221_
220
.79
53
.79
9.6
14.8
150
CTS2F-271_
270
.79
57
.79
9.2
16.8
140
CTS2F-331_
330
.79
57
.79
8.4
18.6
130
CTS2F-391_
390
.79
57
.79
8.0
21.1
120
CTS2F-471_
470
.79
50
.79
6.8
32.2
100
CTS2F-561_
560
.79
50
.79
6.0
36.4
95
CTS2F-681_
680
.79
56
.79
5.6
41.1
90
CTS2F-821_
820
.79
49
.79
5.2
45.0
85
CTS2F-102_
1000
.79
49
.79
4.8
52.0
80
CTS2F-122_
1200
.25
50
.25
3.2
22.4
100
CTS2F-152_
1500
.25
50
.25
2.9
29.4
90
CTS2F-182_
1800
.25
50
.25
2.6
33.0
84
CTS2F-222_
2200
.25
55
.25
2.5
38.0
79
CTS2F-272_
2700
.25
55
.25
2.4
42.0
75
CTS2F-332_
3300
.25
55
.25
2.0
58.5
63.5
CTS2F-392_
3900
.25
50
.25
2.0
77.0
55.5
CTS2F-472_
4700
.25
50
.25
1.8
86.2
52.5
CTS2F-562_
5600
.25
45
.25
1.7
111
46
CTS2F-682_
6800
.25
45
.25
1.6
128
42.6
CTS2F-822_
8200
.25
45
.25
1.5
145
40.5
CTS2F-103_
10000
.25
45
.25
1.5
168
31.6
CTS2F Series
From .10 µH to 1,000 µH
Not shown at actual size.
CHARACTERISTICS
Description: Axial leaded molded (shielded) inductor
Applications: Used for high reliability applications. Vital for
telecommunication applications. Ideal for various RF applications
Operating Temperature: -55°C to +105°C
Inductance Tolerance: ±5% & ±10%
Testing: Inductance and Q are tested on an HP4285A at
specified frequency
Packaging: Bulk pack, 1,000 parts per bag,
Tape & Reel, 5,000 parts per reel
Marking: Parts are EIA color banded, which indicates inductance
code and tolerance
Material: Molded epoxy resin over the magnetic core for superior
shielding and reliability
Miscellaneous: RoHS Compliant. Other values available
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
RoHS
Compliant


Similar Part No. - CTS2F-R82J

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
CTS2 MSYSTEM-CTS2 Datasheet
117Kb / 4P
Plug-in Signal Conditioners M-UNIT
logo
Altech corporation
CTS2.5U-N ALTECH-CTS2.5U-N Datasheet
508Kb / 4P
FEED-THROUGH 35 or 32mm DIN Rail
logo
Comchip Technology
CTS2030N3-HF COMCHIP-CTS2030N3-HF Datasheet
511Kb / 5P
General Purpose Transistor
REV:B
CTS2098LN3-HF COMCHIP-CTS2098LN3-HF Datasheet
511Kb / 5P
General Purpose Transistor
REV:B
logo
Intersil Corporation
CTS20MS INTERSIL-CTS20MS Datasheet
132Kb / 9P
Radiation Hardened Dual 4-Input NAND Gate
September 1995
More results

Similar Description - CTS2F-R82J

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTS3F CT-CTS3F Datasheet
321Kb / 1P
Shielded Inductors - Axial
CTS5F CT-CTS5F Datasheet
161Kb / 1P
Shielded Inductors - Axial
logo
Allied Components Inter...
AS20-R10K-RC ALLIED-AS20-R10K-RC Datasheet
805Kb / 1P
Axial Shielded Inductors
AS30-R10K-RC ALLIED-AS30-R10K-RC Datasheet
907Kb / 1P
Axial Shielded Inductors
AS40-R10K-RC ALLIED-AS40-R10K-RC Datasheet
928Kb / 1P
Axial Shielded Inductors
AS50-R10K-RC ALLIED-AS50-R10K-RC Datasheet
956Kb / 1P
Axial Shielded Inductors
AS20-R10K-RC ALLIED-AS20-R10K-RC_10 Datasheet
810Kb / 1P
Axial Shielded Inductors
AS40-R10K-RC ALLIED-AS40-R10K-RC_10 Datasheet
932Kb / 1P
Axial Shielded Inductors
AS50-R10K-RC ALLIED-AS50-R10K-RC_10 Datasheet
961Kb / 1P
Axial Shielded Inductors
AS30 ALLIED-AS30 Datasheet
912Kb / 1P
Axial Shielded Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com