Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTKC1008-R18K Datasheet(PDF) 1 Page - Central Technologies

Part # CTKC1008-R18K
Description  Wire-wound Chip Inductors - Molded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTKC1008-R18K Datasheet(HTML) 1 Page - Central Technologies

  CTKC1008-R18K Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Wire-wound Chip Inductors - Molded
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2006 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
03.24.06
Size
A
B
C
D
E
mm
2.5±0.2
2.0±0.2
1.8±0.2
1.4±0.1
0.4
inches
0.10±0.008
0.08±0.008
0.07±0.008
0.06±0.004
0.02
PHYSICAL DIMENSIONS
SPECIFICATIONS
Please specify tolerance code when ordering.
CTMC1008-R010_
J = ±5%, K = ±10%, M = ±20%
CTMC1008F Please specify “F” for RoHS Compliant
L Test
Q
Q Test
SRF
DCR
Rated
Part
Inductance
Freq.
Fact.
Freq.
Min.
Max.
DC
Number
(µH)
(MHz)
Min.
(MHz)
(MHz)
(
Ω
Ω)
(mA)
CTMC1008_-R010_
.010
100
15
100
2150
.26
530
CTMC1008_-R012_
.012
100
15
100
2050
.27
500
CTMC1008_-R015_
.015
100
15
100
1850
.29
480
CTMC1008_-R018_
.018
100
15
100
1650
.31
450
CTMC1008_-R022_
.022
100
15
100
1550
.37
420
CTMC1008_-R027_
.027
100
15
100
1400
.40
410
CTMC1008_-R033_
.033
100
20
100
1250
.42
400
CTMC1008_-R039_
.039
100
20
100
1100
.45
380
CTMC1008_-R047_
.047
100
20
100
1050
.50
360
CTMC1008_-R056_
.056
100
20
100
950
.60
340
CTMC1008_-R068_
.068
100
20
100
900
.65
320
CTMC1008_-R082_
.082
100
20
100
850
.75
300
CTMC1008_-R10_
.10
100
20
100
750
.80
280
CTMC1008_-R12_
.12
25.2
30
25.2
700
.30
550
CTMC1008_-R15_
.15
25.2
30
25.2
550
.35
500
CTMC1008_-R18_
.18
25.2
30
25.2
500
.40
460
CTMC1008_-R22_
.22
25.2
30
25.2
450
.50
430
CTMC1008_-R27_
.27
25.2
30
25.2
425
.55
420
CTMC1008_-R33_
.33
25.2
30
25.2
400
.60
400
CTMC1008_-R39_
.39
25.2
30
25.2
375
.65
375
CTMC1008_-R47_
.47
25.2
30
25.2
350
.68
350
CTMC1008_-R56_
.56
25.2
30
25.2
325
.75
325
CTMC1008_-R68_
.68
25.2
30
25.2
300
.85
300
CTMC1008_-R82_
.82
25.2
30
25.2
260
1.00
260
CTMC1008_-1R0_
1.0
7.96
30
7.96
245
1.10
245
CTMC1008_-1R2_
1.2
7.96
30
7.96
230
1.20
230
CTMC1008_-1R5_
1.5
7.96
30
7.96
182
1.30
220
CTMC1008_-1R8_
1.8
7.96
30
7.96
135
1.45
210
CTMC1008_-2R2_
2.2
7.96
30
7.96
105
1.55
200
CTMC1008_-2R7_
2.7
7.96
30
7.96
70
1.70
195
CTMC1008_-3R3_
3.3
7.96
30
7.96
55
1.90
185
CTMC1008_-3R9_
3.9
7.96
30
7.96
48
2.10
180
CTMC1008_-4R7_
4.7
7.96
30
7.96
43
2.30
175
CTMC1008_-5R6_
5.6
7.96
25
7.96
42
2.50
170
CTMC1008_-6R8_
6.8
7.96
25
7.96
39
2.70
165
CTMC1008_-8R2_
8.2
7.96
25
7.96
36
3.05
160
CTMC1008_-100_
10
2.52
25
2.52
33
3.50
155
CTMC1008_-120_
12
2.52
25
2.52
30
3.80
150
CTMC1008_-150_
15
2.52
25
2.52
26
4.40
140
CTMC1008_-180_
18
2.52
25
2.52
24
4.80
130
CTMC1008_-220_
22
2.52
25
2.52
22
5.50
125
CTMC1008_-270_
27
2.52
25
2.52
21
6.30
115
CTMC1008_-330_
33
2.52
25
2.52
20
7.10
110
CTMC1008_-390_
39
2.52
20
2.52
18
9.50
90
CTMC1008_-470_
47
2.52
20
2.52
17
11.10
80
CTMC1008_-560_
56
2.52
20
2.52
16
12.10
75
CTMC1008_-680_
68
2.52
20
2.52
15
16.60
70
CTMC1008_-820_
82
2.52
20
2.52
13
19.00
66
CTMC1008_-101_
100
.796
15
.796
12
21.00
60
CTMC1008 Series
From .01 µH to 100 µH
Not shown at actual size.
CHARACTERISTICS
Description: Ferrite core, wire-wound molded chip inductor
Applications: TVs, VCRs, disk drives, computer peripherals,
telecommunication devices and electronic control boards
for automobiles
Operating Temperature: -45°C to +85°C
Storage Temperature: -55°C to +105°C
Inductance Tolerance: ±5%, ±10% & ±20%
Testing: Inductance and Q are tested on a HP4285A or a
HP4286A at a specified frequency
Packaging: Tape & Reel
Marking: Parts are marked with inductance code
Miscellaneous: RoHS Compliant available
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
RoHS
Compliant
Available


Similar Part No. - CTKC1008-R18K

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
CTK24BC01-16Q8 CYSTEKEC-CTK24BC01-16Q8 Datasheet
376Kb / 12P
2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
CTK24BC01P8 CYSTEKEC-CTK24BC01P8 Datasheet
378Kb / 12P
2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
CTK24BC01Q8 CYSTEKEC-CTK24BC01Q8 Datasheet
376Kb / 12P
2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
CTK24BC02P8 CYSTEKEC-CTK24BC02P8 Datasheet
378Kb / 12P
2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
More results

Similar Description - CTKC1008-R18K

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AISM-1812 ABRACON-AISM-1812 Datasheet
57Kb / 1P
WIRE WOUND MOLDED CHIP INDUCTORS
logo
Central Technologies
CTHC1812 CT-CTHC1812 Datasheet
195Kb / 1P
Wire-wound Chip Inductors - Molded
CTHC2220F CT-CTHC2220F Datasheet
203Kb / 1P
Wire-wound Chip Inductors- Molded
CTMC1210HF CT-CTMC1210HF Datasheet
176Kb / 1P
Wire-wound Chip Inductors - Molded
CTMC1812 CT-CTMC1812 Datasheet
192Kb / 1P
Wire-wound Chip Inductors - Molded
CTMC1812F CT-CTMC1812F Datasheet
166Kb / 1P
Wire-wound Chip Inductors - Molded
CTMC2220F CT-CTMC2220F Datasheet
204Kb / 1P
Wire-wound Chip Inductors - Molded
CTNLV32F CT-CTNLV32F Datasheet
206Kb / 1P
Wire-wound Chip Inductors - Molded
CTMC1210F CT-CTMC1210F Datasheet
89Kb / 1P
Wire-wound Chip Inductors - Molded
CTHC1812F CT-CTHC1812F Datasheet
275Kb / 1P
Wire-wound Chip Inductors - Molded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com