Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75LP196PW Datasheet(PDF) 4 Page - Texas Instruments

Part # SN75LP196PW
Description  LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LP196PW Datasheet(HTML) 4 Page - Texas Instruments

  SN75LP196PW Datasheet HTML 1Page - Texas Instruments SN75LP196PW Datasheet HTML 2Page - Texas Instruments SN75LP196PW Datasheet HTML 3Page - Texas Instruments SN75LP196PW Datasheet HTML 4Page - Texas Instruments SN75LP196PW Datasheet HTML 5Page - Texas Instruments SN75LP196PW Datasheet HTML 6Page - Texas Instruments SN75LP196PW Datasheet HTML 7Page - Texas Instruments SN75LP196PW Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SN75LP196
LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SLLS294A – APRIL 1998 – REVISED JUNE 1999
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
supply currents over the recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply current for VCC ICC
VDD = 9 V,
VSS = –9 V
1000
µA
Supply current for VCC, ICC
No load
VDD = 12 V,
VSS = –12 V
1000
µA
Supply current for VDD IDD
No load,
All inputs at
VDD = 9 V,
VSS = –9 V
800
µA
Supply current for VDD, IDD
minimum VOH or
maximum V
VDD = 12 V,
VSS = –12 V
800
µA
Supply current for VSS ISS
maximum VOL
VDD = 9 V,
VSS = –9 V
–800
µA
Supply current for VSS, ISS
VDD = 12 V,
VSS = –12 V
–800
µA
driver electrical characteristics over the recommended operating conditions (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High level output voltage
VIL = 0.8 V,
RL 3kΩ
VDD = 9 V,
VSS = –9 V,
See Note 7
5
5.8
6.6
V
VOH
High-level output voltage
RL = 3 kΩ,
See Figure 1
VDD = 12 V,
VSS = –12 V,
See Note 8
5
5.8
6.6
V
VOL
Low level output voltage
VIH = 2 V,
RL 3kΩ
VDD = 9 V,
VSS = –9 V,
See Note 7
–5
–5.8
–6.9
V
VOL
Low-level output voltage
RL = 3 kΩ,
See Figure 1
VDD = 12 V,
VSS = –12 V,
See Note 8
–5
–5.8
–6.9
V
IIH
High-level input current
VI at VCC
1
µA
IIL
Low-level input current
VI at GND
–1
µA
IOS(H)
Short-circuit
high-level output current
VO = GND or VSS,
See Figure 2 and Note 9
–30
–55
mA
IOS(L)
Short-circuit
low-level output current
VO = GND or VDD,
See Figure 2 and Note 9
30
55
mA
ro
Output resistance
VDD = VSS = VCC = 0,
VO = –2 V to 2 V
300
Ω
NOTES:
7. Minimum RS-232 driver output voltages are not attained with
±5-V supplies. With VDD less than VCC + 2 V, the supply currents may
increase. For RS-232 compliant output swings and minimum power consumption, VDD ≥ VCC + 2 V.
8. Maximum output swing is nominally clamped at
±6 V to enable the higher data rates associated with this device and to reduce EMI
emissions. The driver outputs may slightly exceed the maximum output voltage over the full VCC and temperature ranges.
9. Not more than one output should be shorted at one time.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com