Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75LP196PW Datasheet(PDF) 5 Page - Texas Instruments

Part # SN75LP196PW
Description  LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LP196PW Datasheet(HTML) 5 Page - Texas Instruments

  SN75LP196PW Datasheet HTML 1Page - Texas Instruments SN75LP196PW Datasheet HTML 2Page - Texas Instruments SN75LP196PW Datasheet HTML 3Page - Texas Instruments SN75LP196PW Datasheet HTML 4Page - Texas Instruments SN75LP196PW Datasheet HTML 5Page - Texas Instruments SN75LP196PW Datasheet HTML 6Page - Texas Instruments SN75LP196PW Datasheet HTML 7Page - Texas Instruments SN75LP196PW Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SN75LP196
LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SLLS294A – APRIL 1998 – REVISED JUNE 1999
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
driver switching characteristics over operating free-air temperature range (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPHL
Propagation delay time,
high- to low-level output
RL = 3 kΩ to 7 kΩ, CL = 15 pF, See Figure 1
300
800
1600
ns
tPLH
Propagation delay time,
low- to high-level output
RL = 3 kΩ to 7 kΩ, CL = 15 pF, See Figure 1
300
800
1600
ns
VCC = 5 V,
VDD = 12 V,
Using VTR = 10%-to-90% transition region,
Driver speed = 250 kbit/s, CL = 15 pF
375
2240
tTLH
Transition time,
low- to high-level output
VDD = 12 V,
VSS = –12 V,
RL = 3 kΩ to 7 kΩ,
Using VTR = ±3 V transition region,
Driver speed = 250 kbit/s, CL = 15 pF
200
1500
ns
See Figure 1 and
Note 10
Using VTR = ±3 V transition region,
Driver speed = 125 kbit/s, CL = 2500 pF
2750
VCC = 5 V,
VDD = 12 V,
Using VTR = 10%-to-90% transition region,
Driver speed = 250 kbit/s, CL = 15 pF
375
2240
tTHL
Transition time,
high- to low-level output
VDD = 12 V,
VSS = –12 V,
RL = 3 kΩ to 7 kΩ,
Using VTR = ±3 V transition region,
Driver speed = 250 kbit/s, CL = 15 pF
200
1500
ns
See Figure 1 and
Note 10
Using VTR = ±3 V transition region,
Driver speed = 125 kbit/s, CL = 2500 pF
2750
SR
Output slew rate
VCC = 5 V,
VDD = 12 V,
VSS = –12 V,
Using VTR = ±3 V transition region,
Driver speed = 0 to 250 kbit/s, CL = 15 pF
4
20
30
V/
µs
NOTE 10: Maximum output swing is limited to
±6 V to enable the higher data rates associated with this device and to reduce EMI emissions.
receiver electrical characteristics over recommended operating free-air temperature range
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIT+
Positive-going input threshold voltage
See Figure 3
1.6
2
2.55
V
VIT–
Negative-going input threshold voltage
See Figure 3
0.6
1
1.45
V
VHYS
Input hysteresis, VIT+ VIT–
See Figure 3
750
1000
mV
VOH
High-level output voltage
IOH = –1 mA
2.5
3.9
V
VOL
Low-level output voltage
IOL = 2 mA
0.33
0.5
V
IIH
High level input current
VI = 3 V
0.43
0.6
1
mA
IIH
High-level input current
VI = 25 V
3.6
5.1
8.3
mA
IIL
Low level input current
VI = 3 V
–0.43
–0.6
–1
mA
IIL
Low-level input current
VI = 25 V
–3.6
–5.1
–8.3
mA
IOS(H)
Short-circuit high-level output current
VO = 0,
See Figure 5 and Note 9
–20
mA
IOS(L)
Short-circuit low-level output current
VO = VCC,
See Figure 5 and Note 9
20
mA
RIN
Input resistance
VI = ±3 V to ±25 V
3
5
7
k
Ω
NOTE 9: Not more than one output should be shorted at one time.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com